Electronic Components Datasheet Search
  English  ▼

X  

WM8946 Datasheet(PDF) 17 Page - Wolfson Microelectronics plc

Part # WM8946
Description  Stereo Low-Power CODEC with Video Buffer
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8946 Datasheet(HTML) 17 Page - Wolfson Microelectronics plc

Back Button WM8946 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 21Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 175 page
background image
Production Data
WM8946
w
PD, July 2012, Rev 4.3
17
SIGNAL TIMING REQUIREMENTS
SYSTEM CLOCK TIMING
Figure 2 Master Clock Timing
Test Conditions
DCVDD = 1.8V, DBVDD = LDOVDD = SPKVDD = 3.3V, LDOVOUT = 3.0V, GND = 0V, TA = +25
oC.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Master Clock Timing
MCLK cycle time
TMCLKY
0.037
s
s
MCLK duty cycle
(= TMCLKH : TMCLKL)
60:40
40:60
AUDIO INTERFACE TIMING
MASTER MODE
BCLK (Output)
ADCDAT
LRCLK (Output)
t
DL
DACDAT
t
DDA
t
DHT
t
DST
Figure 3 Audio Interface Timing - Master Mode
Test Conditions
DCVDD = 1.8V, DBVDD = LDOVDD = SPKVDD = 3.3V, LDOVOUT = 3.0V, GND = 0V,
TA = +25
oC, 1kHz signal, fs = 48kHz, PGA gain = 0dB, 24-bit audio data unless otherwise stated.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Audio Interface Timing - Master Mode
LRCLK propagation delay from BCLK falling edge
tDL
20
ns
ADCDAT propagation delay from BCLK falling edge
tDDA
20
ns
DACDAT setup time to BCLK rising edge
tDST
20
ns
DACDAT hold time from BCLK rising edge
tDHT
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com