Electronic Components Datasheet Search
  English  ▼

X  

WM8946 Datasheet(PDF) 51 Page - Wolfson Microelectronics plc

Part # WM8946
Description  Stereo Low-Power CODEC with Video Buffer
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8946 Datasheet(HTML) 51 Page - Wolfson Microelectronics plc

Back Button WM8946 Datasheet HTML 47Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 48Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 49Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 50Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 51Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 52Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 53Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 54Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 55Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 175 page
background image
Production Data
WM8946
w
PD, July 2012, Rev 4.3
51
DIGITAL BEEP GENERATOR
The WM8946 provides a digital signal generator which can be used to inject an audio tone (beep) into
the DAC signal path. The output of the beep generator is digitally mixed with the DAC outputs, after
the DAC digital volume.
The beep is enabled using BEEP_ENA. The beep function creates an approximation of a Sine wave.
The audio frequency is set using BEEP_RATE. The beep volume is set using BEEP_GAIN. Note that
the volume of the digital beep generator is not affected by the DAC volume or DAC mute controls.
The DAC_AUTOMUTE bit should not be set when the BEEP generator is used.
The digital beep generator control fields are described in Table 29.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R37 (25h)
Beep Control
1
6:3
BEEP_GAIN [3:0]
0000
Digital Beep Volume Control
0000 = mute
0001 = -83dB
0010 = -77dB
… (6dB steps)
1111 = +1dB
2:1
BEEP_RATE [1:0]
01
Beep Waveform Control
00 = Reserved
01 = 1kHz
10 = 2kHz
11 = 4kHz
0
BEEP_ENA
0
Digital Beep Enable
0 = Disabled
1 = Enabled
Note that the DAC and associated
signal path needs to be enabled
when using the digital beep.
Table 29 Digital Beep Generator
Note: The beep generator is clocked by the left channel DAC clock. If the beep signal is used on the
right channel only, the left channel DAC must be enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com