Electronic Components Datasheet Search
  English  ▼

X  

WM8946 Datasheet(PDF) 75 Page - Wolfson Microelectronics plc

Part # WM8946
Description  Stereo Low-Power CODEC with Video Buffer
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8946 Datasheet(HTML) 75 Page - Wolfson Microelectronics plc

Back Button WM8946 Datasheet HTML 71Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 72Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 73Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 74Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 75Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 76Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 77Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 78Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 79Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 175 page
background image
Production Data
WM8946
w
PD, July 2012, Rev 4.3
75
A-law Companding
0
20
40
60
80
100
120
0
0.2
0.4
0.6
0.8
1
Normalised Input
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Figure 30 A-Law Companding
The companded data is also inverted as recommended by the G.711 standard (all 8 bits are inverted
for
-law, all even data bits are inverted for A-law). Companded data is transmitted in the first 8 MSBs
of its respective data word, and consists of sign (1 bit), exponent (3 bits) and mantissa (4 bits), as
shown in Table 48.
BIT7
BIT[6:4]
BIT[3:0]
SIGN
EXPONENT
MANTISSA
Table 48 8-bit Companded Word Composition
8-bit mode is selected whenever DAC_COMP=1 or ADC_COMP=1. The use of 8-bit data allows
samples to be passed using as few as 8 BCLK cycles per Left/Right Clock frame. When using DSP
mode B, 8-bit data words may be transferred consecutively every 8 BCLK cycles.
8-bit mode (without Companding) may be enabled by setting DAC_COMPMODE=1 or
ADC_COMPMODE=1, when DAC_COMP=0 and ADC_COMP=0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com