Electronic Components Datasheet Search
  English  ▼

X  

WM8946 Datasheet(PDF) 66 Page - Wolfson Microelectronics plc

Part # WM8946
Description  Stereo Low-Power CODEC with Video Buffer
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8946 Datasheet(HTML) 66 Page - Wolfson Microelectronics plc

Back Button WM8946 Datasheet HTML 62Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 63Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 64Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 65Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 66Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 67Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 68Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 69Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 70Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 175 page
background image
WM8946
Production Data
w
PD, July 2012, Rev 4.3
66
REFERENCE VOLTAGES AND MASTER BIAS
This section describes the analogue reference voltage and bias current controls. It also describes the
VMID soft-start circuit for pop suppressed start-up and shut-down.
The analogue circuits in the WM8946 require a mid-rail analogue reference voltage, VMID. This
reference is generated via a programmable resistor chain. Together with the external decoupling
capacitor (connected to the VMIDC pin), the programmable resistor chain results in a slow, normal or
fast charging characteristic on the VMID reference. This is enabled using VMID_ENA and
VMID_SEL. The different resistor options controlled by VMID_SEL can be used to
optimize the
reference for normal operation, low power standby or for fast start-up as described in Table 41.
The VMID resistor chain can be powered from the LDO output (LDOVOUT) or from the LDO supply
(LDOVDD). This is selected using VMID_REF_SEL. .
Note that when VMID is selected as the LDO reference voltage, VMID cannot be generated from the
LDOVOUT supply voltage (VMID_REF_SEL = 1) and must be generated from the LDOVDD supply
voltage (VMID_REF_SEL = 0).
The VMID ratio can be selected using VMID_CTRL. This selects the ratio of VMID to the supply
voltage that has been selected by VMID_REF_SEL. VMID should be half of the LDOVOUT supply
voltage for maximum voltage swing. In the case where VMID_REF_SEL has selected the LDOVOUT
supply voltage output, then VMID_CTRL should select the ratio “1/2”. In the case where
VMID_REF_SEL has selected the LDOVDD supply voltage, then the alternate ratio “5/11” may be
preferred provided LDOVDDD = 3.3V and LDOVOUT = 3.0V.
Note that the “5/11” ratio is designed for the case where LDOVDD = 3.3V and LDOVOUT = 3.0V. This
results in a VMID = 3.3V x (5/11) = 1.5V which is half of the LDOVOUT voltage.
If these conditions are not being used or the LDO has been bypassed then VMID_REF should be set
to select LDOVOUT as the VMID source and VMID_CTRL should be set to select the ratio “1/2”.
The analogue circuits in the WM8946 require a bias current. The normal bias current is enabled by
setting BIAS_ENA. Note that the normal bias current source requires VMID to be enabled also.
The Master Reference and Bias Control bits are defined in Table 41.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R7 (07h)
Additional
control
10
VMID_REF_SEL
0
VMID Source Select
0 = LDO supply (LDOVDD)
1 = LDO output (LDOVOUT)
9
VMID_CTRL
0
VMID Ratio control
Sets the ratio of VMID to the source
selected by VMID_REF_SEL
0 = 5/11
1 = 1/2
4
VMID_ENA
0
VMID Enable
0 = Disabled
1 = Enabled
R2 (02h)
Power
Management
1
3
BIAS_ENA
0
Master Bias Enable
0 = Disabled
1 = Enabled
1:0
VMID_SEL [1:0]
00
VMID Divider Enable and Select
00 = VMID disabled (for OFF mode)
01 = 2 x 50k
 divider (for normal
operation)
10 = 2 x 250k
 divider (for low
power standby)
11 = 2 x 5k
 divider (for fast start-
up)
Table 41 Reference Voltages and Master Bias Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com