Electronic Components Datasheet Search
  English  ▼

X  

WM8946 Datasheet(PDF) 93 Page - Wolfson Microelectronics plc

Part # WM8946
Description  Stereo Low-Power CODEC with Video Buffer
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8946 Datasheet(HTML) 93 Page - Wolfson Microelectronics plc

Back Button WM8946 Datasheet HTML 89Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 90Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 91Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 92Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 93Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 94Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 95Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 96Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 97Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 175 page
background image
Production Data
WM8946
w
PD, July 2012, Rev 4.3
93
GPIO FUNCTION SELECT
The available GPIO functions are described in Table 60. The function of each GPIO is set using the
GPn_FN register, where n identifies the GPIO pin (1 to 4).
Note that the polarity of the GPIO inputs and outputs may be selected using the GPn_POL register
bits. When GPn_POL = 1, then the polarity is inverted with respect to the descriptions below.
The GPIO input functions may be used to detect headphone jack insertion or a button press. These
signals may be used as inputs to the Interrupt Controller, via the integrated de-bounce circuit.
GPn_FN
DESCRIPTION
COMMENTS
0000
Logic level input
External logic level is read from GPn_LVL.
Associated interrupt (when enabled) is level-triggered.
0001
Edge detection input
External logic level is read from GPn_LVL.
Associated interrupt (when enabled) is edge
triggered. Note that TOCLK_ENA must be set.
0010
CLKOUT output
Output clock frequency is set by CLKOUT_DIV.
0011
Interrupt (IRQ) output
Hardware output of all unmasked Interrupts.
0100
Reserved
0101
Reserved
0110
Reserved
0111
Temperature flag output
Indicates the temperature sensor output. This is a
hardware output of the TEMP_STS bit (assuming
GPn_POL = 0).
0 = Normal
1 = Overtemperature
1000
Reserved
1001
DMICCLK output
Output clock for digital microphone interface
1010
Logic level output
Pin logic level is set by GPn_LVL.
1011
LDO_UV output
Indicates the LDO undervoltage status. This is a
hardware output of the LDO_UV_STS bit (assuming
GPn_POL = 0).
0 = Normal
1 = LDO undervoltage
1100
Reserved
1101
Reserved
1110
Reserved
1111
Reserved
Table 60 GPIO Function Select



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com