Electronic Components Datasheet Search
  English  ▼

X  

WM8311 Datasheet(PDF) 114 Page - Wolfson Microelectronics plc

Part # WM8311
Description  Processor Power Management Subsystem
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8311 Datasheet(HTML) 114 Page - Wolfson Microelectronics plc

Back Button WM8311 Datasheet HTML 110Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 111Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 112Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 113Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 114Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 115Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 116Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 117Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 118Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 302 page
background image
WM8311
Pre-Production
w
PP, May 2012, Rev 3.1
114
Note that the Battery Charger control registers are locked by the WM8311 User Key. These registers
can only be changed by writing the appropriate code to the Security register, as described in
Section 12.4.
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R16456
(4048h)
Charger
Control 1
15
CHG_ENA
0
Battery Charger Enable
0 = Disable
1 = Enable
Protected by user key
0
CHG_CHIP_TEMP_
MON
1
Battery Charger Thermal warning select
0 = Thermal Warning is ignored
1 = Thermal Warning pauses Battery
Charger
Protected by user key
R16457
(4049h)
Charger
Control 2
14
CHG_OFF_MASK
0
Battery Charger OFF mask select
0 = OFF requests not masked
1 = OFF requests masked during
Charging
Protected by user key
7:6
CHG_TRKL_ILIM
[1:0]
00
Battery Trickle Charge current limit
00 = 50mA
01 = 100mA
10 = 150mA
11 = 200mA
Protected by user key
5:4
CHG_VSEL [1:0]
00
Battery Charger target voltage
00 = 4.05V
01 = 4.10V
10 = 4.15V
11 = 4.20V
Note that incorrect setting of this
register may lead to a safety hazard
condition.
Protected by user key
R16458
(404Ah)
Charger
Status
9
CHG_TOPOFF
0
Battery Charger constant-voltage
charge mode status
0 = Constant-voltage mode not active
1 = Constant-voltage mode is active
8
CHG_ACTIVE
0
Battery Charger status
0 = Not charging
1 = Charging
Table 57 Battery Charger Control
The Battery Charger is associated with a number of Interrupt flags. Whenever the Battery Charger
state changes, the CHG_MODE_EINT interrupt is set (see Section 17.7.8). This interrupt is set
whenever charging starts, charging stops, fast charge is selected, fast charge is de-selected, an
overtemperature condition occurs, or if the charger detects a battery failure. The CHG_START_EINT
interrupt is also set whenever Battery Charging commences, including after pause due to USB limit or
over-temperature condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com