Electronic Components Datasheet Search
  English  ▼

X  

WM8311 Datasheet(PDF) 118 Page - Wolfson Microelectronics plc

Part # WM8311
Description  Processor Power Management Subsystem
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8311 Datasheet(HTML) 118 Page - Wolfson Microelectronics plc

Back Button WM8311 Datasheet HTML 114Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 115Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 116Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 117Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 118Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 119Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 120Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 121Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 122Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 302 page
background image
WM8311
Pre-Production
w
PP, May 2012, Rev 3.1
118
The AUXADCIN1 monitor output current is equal to the battery charge current divided by 12500. The
battery charge current can be determined by measuring the voltage at the AUXADCIN1 pin, as
described in the following equations.
Monitor Current IM =
=
Charge Current IC
12500
VAUXADCIN1
R
Charge Current IC =
VAUXADCIN1 x 12500
10000
(assuming 10k resistor, R)
For example, a measurement of 0.72V at AUXADCIN1 would indicate that the battery charge current
is 900mA.
Note that the integrated Auxiliary ADC can be used to perform this measurement if required. In this
case, the digitised AUXADC measurement (AUX_DATA) represents the battery charge current in
accordance with the following equation.
See Section 18 for further details of the Auxiliary ADC.
17.7.6 BATTERY FAULT / OVERVOLTAGE CONDITIONS
The battery is monitored to detect an overvoltage or failure condition. These features are incorporated
to prevent malfunction of the battery charger or of the WM8311 system.
The BATT_OV_STS bit indicates if an overvoltage condition has been detected. The overvoltage
threshold is defined in Section 7.7. If a battery overvoltage condition is detected, then charging is
terminated and the CHG_OV_EINT interrupt flag is set (see Section 17.7.8).
The battery charger also detects if the battery is faulty. This is detected if the battery voltage does not
reach the fast charge threshold voltage within the defective battery timeout period (see Section 7.7),
or within a quarter of the charging time CHG_TIME (whichever is the longer time).
The battery failure condition is cleared if the battery voltage rises above the defective battery
threshold, or if any of the WM8311 power sources (including the battery) is removed and re-
connected. When the failure condition is cleared, the charger then reverts back to its initial state, and
may re-start if the conditions for charging are fulfilled.
If the battery failure condition is detected in fast charge mode, then the charger reverts to trickle
charging mode. If the fault persists, then trickle charging stops as described above.
If battery failure condition is detected, then charging is terminated and the CHG_BATT_FAIL_EINT
interrupt is set (see Section 17.7.8).
The battery overvoltage bit is defined in Table 61.
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R16458
(404Ah)
Charger Status
15
BATT_OV_STS
0
Battery Overvoltage status
0 = Normal
1 = Battery Overvoltage
Table 61 Battery Overvoltage Status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com