Electronic Components Datasheet Search
  English  ▼

X  

WM8311 Datasheet(PDF) 123 Page - Wolfson Microelectronics plc

Part # WM8311
Description  Processor Power Management Subsystem
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8311 Datasheet(HTML) 123 Page - Wolfson Microelectronics plc

Back Button WM8311 Datasheet HTML 119Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 120Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 121Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 122Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 123Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 124Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 125Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 126Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 127Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 302 page
background image
Pre-Production
WM8311
w
PP, May 2012, Rev 3.1
123
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R16430
(402Eh)
AuxADC
Control
15
AUX_ENA
0
AUXADC Enable
0 = Disabled
1 = Enabled
Note - this bit is reset to 0 when the OFF
power state is entered.
14
AUX_CVT_ENA
0
AUXADC Conversion Enable
0 = Disabled
1 = Enabled
In automatic mode, conversions are
enabled by setting this bit.
In manual mode (AUX_RATE = 0),
setting this bit will initiate a conversion;
the bit is reset automatically after each
conversion.
12
AUX_SLPENA
0
AUXADC SLEEP Enable
0 = Disabled
1 = Controlled by AUX_ENA
5:0
AUX_RATE [5:0]
00_0000
AUXADC Conversion Rate
0 = Manual
1 = 2 samples/s
2 = 4 samples/s
3 = 6 samples/s
…
31 = 62 samples/s
32 = Reserved
33 = 16 samples/s
34 = 32 samples/s
35 = 48 samples/s
…
63 = 496 samples/s
R16431
(402Fh)
AuxADC
Source
9
AUX_WALL_SEL
0
AUXADC WALL input select
0 = Disable WALLVDD measurement
1 = Enable WALLVDD measurement
8
AUX_BATT_SEL
0
AUXADC BATT input select
0 = Disable BATTVDD measurement
1 = Enable BATTVDD measurement
7
AUX_USB_SEL
0
AUXADC USB input select
0 = Disable USBVDD measurement
1 = Enable USBVDD measurement
6
AUX_SYSVDD_S
EL
0
AUXADC SYSVDD input select
0 = Disable SYSVDD measurement
1 = Enable SYSVDD measurement
5
AUX_BATT_TEM
P_SEL
0
AUXADC Battery Temp input select
0 = Disable Battery Temp measurement
1 = Enable Battery Temp measurement
4
AUX_CHIP_TEM
P_SEL
0
AUXADC Chip Temp input select
0 = Disable Chip Temp measurement
1 = Enable Chip Temp measurement
3
AUX_AUX4_SEL
0
AUXADCIN4 input select
0 = Disable AUXADCIN4 measurement
1 = Enable AUXADCIN4 measurement
2
AUX_AUX3_SEL
0
AUXADCIN3 input select
0 = Disable AUXADCIN3 measurement
1 = Enable AUXADCIN3 measurement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com