Electronic Components Datasheet Search
  English  ▼

X  

WM8311 Datasheet(PDF) 125 Page - Wolfson Microelectronics plc

Part # WM8311
Description  Processor Power Management Subsystem
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8311 Datasheet(HTML) 125 Page - Wolfson Microelectronics plc

Back Button WM8311 Datasheet HTML 121Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 122Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 123Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 124Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 125Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 126Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 127Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 128Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 129Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 302 page
background image
Pre-Production
WM8311
w
PP, May 2012, Rev 3.1
125
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R16429
(402Dh)
AuxADC Data
15:12
AUX_DATA_SRC
[3:0]
000
AUXADC Data Source
0 = Reserved
1 = AUXADCIN1
2 = AUXADCIN2
3 = AUXADCIN3
4 = AUXADCIN4
5 = Chip Temperature
6 = Battery Temperature
7 = SYSVDD voltage
8 = USB voltage
9 = BATT voltage
10 = WALL voltage
11 = Reserved
12 = Reserved
13 = Reserved
14 = Reserved
15 = Reserved
11:0
AUX_DATA [11:0]
000h
AUXADC Measurement Data
Voltage (mV) = AUX_DATA x 1.465
ChipTemp (
C) = (498 - AUX_DATA)
/ 1.09
BattTemp (
C) = (value is dependent
on NTC thermistor)
Table 66 AUXADC Readback
18.4 DIGITAL COMPARATORS
The WM8311 has four digital comparators which may be used to compare AUXADC measurement
data against programmable threshold values. Each comparator has a status bit, and also an
associated interrupt flag (described in Section 18.5), which indicates that the associated data is
beyond the threshold value.
The digital comparators are enabled using the DCMPn_ENA register bits as described in Table 65.
After an AUXADC conversion, the measured value is compared with the threshold level of any
associated comparator(s). Note that this comparison is only performed following a conversion.
The source data for each comparator is selected using the DCMPn_SRC register bits; this selects
one of eight possible AUXADC channels for each comparator. If required, the same AUXADC
channel may be selected for more than one comparator; this would allow more than one threshold to
be monitored on the same AUXADC channel. Note that the coding of the 000b value of the
DCMPn_SRC fields differs between the four comparators.
The DCMPn_GT register bits select whether the status bit and associated interrupt flag will be
asserted when the measured value is above the threshold or when the measured value is below the
threshold. The output of the most recent threshold comparison is indicated in the DCOMPn_STS
fields.
The threshold DCMPn_THR is a 12-bit code for each comparator. This field follows the same voltage
or temperature coding as the associated AUXADC channel source (see Section 18.3).
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R16432 (4030h)
Comparator
Control
11
DCOMP4_STS
0
Digital Comparator 4 status
0 = Comparator 4 threshold not
detected
1 = Comparator 4 threshold
detected
(Trigger is controlled by
DCMP4_GT)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com