Electronic Components Datasheet Search
  English  ▼

X  

WM8311 Datasheet(PDF) 144 Page - Wolfson Microelectronics plc

Part # WM8311
Description  Processor Power Management Subsystem
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8311 Datasheet(HTML) 144 Page - Wolfson Microelectronics plc

Back Button WM8311 Datasheet HTML 140Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 141Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 142Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 143Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 144Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 145Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 146Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 147Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 148Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 302 page
background image
WM8311
Pre-Production
w
PP, May 2012, Rev 3.1
144
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R16440
(4038h)
to
R16455
(4047h)
15
GPn_DIR
1
GPIOn pin direction
0 = Output
1 = Input
14:13
GPn_PULL
[1:0]
01
GPIOn Pull-Up / Pull-Down
configuration
00 = No pull resistor
01 = Pull-down enabled
10 = Pull-up enabled
11 = Reserved
12
GPn_INT_M
ODE
0
GPIOn Interrupt Mode
0 = GPIO interrupt is rising edge
triggered (if GPn_POL=1) or falling
edge triggered (if GPn_POL =0)
1 = GPIO interrupt is triggered on
rising and falling edges
11
GPn_PWR_D
OM
0
GPIOn Power Domain
See Table 81.
10
GPn_POL
1
GPIOn Polarity select
0 = Inverted (active low)
1 = Non-Inverted (active high)
9
GPn_OD
0
GPIOn Output pin configuration
0 = CMOS
1 = Open Drain
7
GPn_ENA
0
GPIOn Enable control
0 = GPIO pin is tri-stated
1 = Normal operation
3:0
GPn_FN [3:0]
0000
GPIOn Pin Function
See Table 82.
Note: n is a number between 1 and 16 that identifies the individual GPIO.
Note: The default values noted are valid when the WM8311 powers up to the OFF state, or if the
Register Map is reset following a Device Reset or Software Reset event. In the case of GPIO pins
1 to 6, these registers are overwritten with the respective ICE or OTP memory contents when an
ON transition is scheduled.
Table 79 GPIO Pin Configuration
When the GPIO output function is selected (GPn_FN = 0h, GPn_DIR = 0), the state of a GPIO output
is controlled by writing to the corresponding GPn_LVL register bit, as defined in Table 80.
The logic level of a GPIO input is determined by reading the corresponding GPn_LVL register bit. If
GPn_POL is set, then the read value of the GPn_LVL field for a GPIO input is the inverse of the
external signal. Note that, when the GPIO input level changes, the logic level of GPn_LVL will only be
updated after the maximum de-bounce period, as listed in Table 77. An input pulse that is shorter
than the minimum de-bounce period will be filtered by the de-bounce function and will be ignored.
If a GPIO is configured as a CMOS output (ie. GPn_OD = 0), then the read value of the GPn_LVL
field will indicate the logic level of that output. If GPn_POL is set, then the read value of the GPn_LVL
field for a GPIO output is the inverse of the level on the external pad.
If a GPIO is configured as an Open Drain output, then the read value of GPn_LVL is only valid when
the internal pull-up resistor is enabled on the pin (ie. when GPn_PULL = 10). The read value is also
affected by the GPn_POL bit, as described above for the CMOS case.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com