Electronic Components Datasheet Search
  English  ▼

X  

WM8311 Datasheet(PDF) 147 Page - Wolfson Microelectronics plc

Part # WM8311
Description  Processor Power Management Subsystem
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8311 Datasheet(HTML) 147 Page - Wolfson Microelectronics plc

Back Button WM8311 Datasheet HTML 143Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 144Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 145Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 146Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 147Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 148Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 149Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 150Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 151Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 302 page
background image
Pre-Production
WM8311
w
PP, May 2012, Rev 3.1
147
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
(4042h)
GPIO11
Control
8h = DC1 DVS Done
9h = DC2 DVS Done
Ah = External Power Enable1
Bh = External Power Enable2
Ch = System Supply Good (SYSOK)
Dh = Converter Power Good
(PWR_GOOD)
Eh = External Power Clock (2MHz)
Fh = Auxiliary Reset
R16451
(4043h)
GPIO12
Control
3:0
GP12_FN [3:0]
0000
R16452
(4044h)
GPIO13
Control
3:0
GP13_FN [3:0]
0000
R16453
(4045h)
GPIO14
Control
3:0
GP14_FN [3:0]
0000
R16454
(4046h)
GPIO15
Control
3:0
GP15_FN [3:0]
0000
R16455
(4047h)
GPIO16
Control
3:0
GP16_FN [4:0]
0000
Table 82 GPIO Function Select Registers
Note that GPIO input functions 2h, 3h, 4h, 5h and 6h are edge-triggered only. The associated state
transition(s) are scheduled only when a rising or falling edge is detected on the respective GPIO pin.
At other times, it is possible that other state transition events may cause a state transition regardless
of the state of the GPIO input. See Section 11.3 for details of all the state transition events.
Note that SLEEP transitions are not possible when any of the Battery Charger Interrupts is set. If any
of the Battery Charger Interrupts is asserted when a SLEEP transition is requested, then the transition
will be unsuccessful and the WM8311 will remain in the ON power state. See Section 17.7.8 for
details of the Battery Charger Interrupts.
21.4 GPIO INTERRUPTS
Each GPIO pin has an associated interrupt flag, GPn_EINT, in Register R16405 (4015h). Each of
these secondary interrupts triggers a primary GPIO Interrupt, GP_INT (see Section 23). This can be
masked by setting the mask bit(s) as described in Table 83.
See Section 28 and Section 29 for a definition of the register bit positions applicable to each GPIO.
ADDRESS
BIT
LABEL
DESCRIPTION
R16405
(4015h)
Interrupt Status
5
15:0
GPn_EINT
GPIO interrupt.
(Trigger is controlled by GPn_INT_MODE)
Note: Cleared when a ‘1’ is written.
R16413
(401Dh)
Interrupt Status
5 Mask
15:0
IM_GPn_EINT
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Default value is 1 (masked)
Note: n is a number between 1 and 16 that identifies the individual GPIO.
Table 83 GPIO Interrupts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com