Electronic Components Datasheet Search
  English  ▼

X  

WM8311 Datasheet(PDF) 191 Page - Wolfson Microelectronics plc

Part # WM8311
Description  Processor Power Management Subsystem
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8311 Datasheet(HTML) 191 Page - Wolfson Microelectronics plc

Back Button WM8311 Datasheet HTML 187Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 188Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 189Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 190Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 191Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 192Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 193Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 194Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 195Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 302 page
background image
Pre-Production
WM8311
w
PP, May 2012, Rev 3.1
191
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
3
RESET_CNV_
UV
0
Most recent ON event type
0 = Not caused by undervoltage
1 = Caused by a Device Reset due to a Converter (LDO
or DC-DC) undervoltage condition
Reset by state machine.
2
RESET_SW
0
Most recent ON event type
0 = Not caused by Software Reset
1 = Caused by Software Reset
Reset by state machine.
1
RESET_HW
0
Most recent ON event type
0 = Not caused by Hardware Reset
1 = Caused by Hardware Reset
Reset by state machine.
0
RESET_WDO
G
0
Most recent ON event type
0 = Not caused by the Watchdog
1 = Caused by a Device Reset triggered by the
Watchdog timer
Reset by state machine.
Register 400Eh ON Source
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R16399
(400Fh)
OFF Source
13
OFF_INTLDO_
ERR
0
Most recent OFF event type
0 = Not caused by LDO13 Error condition
1 = Caused by LDO13 Error condition
Reset by state machine.
12
OFF_PWR_SE
Q
0
Most recent OFF event type
0 = Not caused by Power Sequence Failure
1 = Caused by a Power Sequence Failure
Reset by state machine.
11
OFF_GPIO
0
Most recent OFF event type
0 = Not caused by GPIO input
1 = Caused by GPIO input
Reset by state machine.
10
OFF_SYSVDD
0
Most recent OFF event type
0 = Not caused by SYSVDD
1 = Caused by the SYSLO or SHUTDOWN threshold
Reset by state machine.
9
OFF_THERR
0
Most recent OFF event type
0 = Not caused by temperature
1 = Caused by over-temperature
Reset by state machine.
6
OFF_SW_REQ
0
Most recent OFF event type
0 = Not caused by software OFF
1 = Caused by software OFF command (CHIP_ON = 0)
Reset by state machine.
4
OFF_ON_PIN
0
Most recent OFF event type
0 = Not caused by the ON pin
1 = Caused by the ON pin
Reset by state machine.
Register 400Fh OFF Source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com