Electronic Components Datasheet Search
  English  ▼

X  

WM8311 Datasheet(PDF) 203 Page - Wolfson Microelectronics plc

Part # WM8311
Description  Processor Power Management Subsystem
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8311 Datasheet(HTML) 203 Page - Wolfson Microelectronics plc

Back Button WM8311 Datasheet HTML 199Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 200Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 201Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 202Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 203Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 204Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 205Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 206Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 207Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 302 page
background image
Pre-Production
WM8311
w
PP, May 2012, Rev 3.1
203
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
5
IM_GP6_EINT
1
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Default value is 1 (masked)
4
IM_GP5_EINT
1
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Default value is 1 (masked)
3
IM_GP4_EINT
1
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Default value is 1 (masked)
2
IM_GP3_EINT
1
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Default value is 1 (masked)
1
IM_GP2_EINT
1
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Default value is 1 (masked)
0
IM_GP1_EINT
1
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Default value is 1 (masked)
Register 401Dh Interrupt Status 5 Mask
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R16416
(4020h)
RTC Write
Counter
15:0
RTC_WR_CNT
[15:0]
0000_0000
_0000_000
0
RTC Write Counter.
This random number is updated on every write to the
RTC_TIME registers.
Register 4020h RTC Write Counter
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R16417
(4021h)
RTC Time 1
15:0
RTC_TIME
[15:0]
0000_0000
_0000_000
0
RTC Seconds counter (MSW)
RTC_TIME increments by 1 every second. This is the
16 MSBs.
Register 4021h RTC Time 1
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R16418
(4022h)
RTC Time 2
15:0
RTC_TIME
[15:0]
0000_0000
_0000_000
0
RTC Seconds counter (LSW)
RTC_TIME increments by 1 every second. This is the
16 LSBs.
Register 4022h RTC Time 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com