Electronic Components Datasheet Search
  English  ▼

X  

WM8311 Datasheet(PDF) 206 Page - Wolfson Microelectronics plc

Part # WM8311
Description  Processor Power Management Subsystem
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8311 Datasheet(HTML) 206 Page - Wolfson Microelectronics plc

Back Button WM8311 Datasheet HTML 202Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 203Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 204Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 205Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 206Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 207Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 208Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 209Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 210Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 302 page
background image
WM8311
Pre-Production
w
PP, May 2012, Rev 3.1
206
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R16425
(4029h)
Touch
Control 2
13
TCH_PD_WK
0
WAKE transition select for Pen Down event
0 = Disabled
1 = Enabled
12
TCH_5WIRE
0
Touch Panel control mode
0 = 4-wire
1 = 5-wire
11
TCH_PDONLY
0
Select Automatic conversions only when Pen Down is
detected. (No effect on Manual conversion.)
0 = Normal
1 = Pen-Down only
8
TCH_ISEL
0
Pressure measurement current select
0 = 200uA
1 = 400uA
Note - this applies to 4-wire mode only
3:0
TCH_RPU [3:0]
0111
Pen-Down sensitivity (pull-up resistor)
0000 = 64k (most sensitive)
0001 = 64k / 2
0010 = 64k / 3
0011 = 64k / 4
….
1111 = 64k / 16 (least sensitive)
Register 4029h Touch Control 2
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R16426
(402Ah)
Touch Data
X
15
TCH_PD1
0
Pen down status (indicates if the Pen Down was
detected prior to the TP measurement)
0 = Pen Down not detected
1 = Pen Down detected
11:0
TCH_X [11:0]
0000_0000
_0000
Touch panel X-axis data
(12-bit unsigned binary number)
Register 402Ah Touch Data X
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R16427
(402Bh)
Touch Data
Y
15
TCH_PD2
0
Pen down status (indicates if the Pen Down was
detected prior to the TP measurement)
0 = Pen Down not detected
1 = Pen Down detected
11:0
TCH_Y [11:0]
0000_0000
_0000
Touch panel Y-axis data
(12-bit unsigned binary number)
Register 402Bh Touch Data Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com