Electronic Components Datasheet Search
  English  ▼

X  

WM8311 Datasheet(PDF) 292 Page - Wolfson Microelectronics plc

Part # WM8311
Description  Processor Power Management Subsystem
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8311 Datasheet(HTML) 292 Page - Wolfson Microelectronics plc

Back Button WM8311 Datasheet HTML 288Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 289Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 290Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 291Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 292Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 293Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 294Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 295Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 296Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 292 / 302 page
background image
WM8311
Pre-Production
w
PP, May 2012, Rev 3.1
292
30.4 DC-DC (STEP-UP) CONVERTER EXTERNAL COMPONENTS
The recommended connections to the DC-DC (Step-Up) Converter are illustrated in Figure 42.
Figure 42 DC-DC (Step-Up) Converters External Components
In the constant current mode, the DC-DC Converter output voltage is controlled by the WM8311 in
order to achieve the required current in ISINK1 or ISINK2. The required current is set by the
CSn_ISEL register fields, as described in Section 16.2.2. A typical application for this mode would be
a white LED driver, where several LEDs are connected in series to achieve uniform brightness.
The DC-DC (Step-Up) Converter is capable of generating output voltages of up to 30V. The maximum
output voltage is determined by the two external resistors R1 and R2, which form a resistive divider
between load connection and the voltage feedback pin DC4FB. The maximum output voltage is set
as described in the following equation:
Setting R2 to 47kΩ is recommended for most applications; R1 can be calculated using the following
equation, given the required output voltage:
R1 = R2 . (2VOUT –1)
Note that the resistors determine the maximum output voltage. The actual voltage will be determined
by the selected ISINK current, subject to the device limits.
When selecting a suitable capacitor, is it imperative that the effective capacitance is within the
required limits at the applicable input/output voltage of the converter. Ceramic X7R or X5R types are
recommended. The choice of output capacitor for DC-DC4 varies depending on the required output
voltage. See Table 117 for further details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com