| Electronic Components Datasheet Search |
|
WM8311 Datasheet(PDF) 295 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8311 Datasheet(HTML) 295 Page - Wolfson Microelectronics plc |
|
295 / 302 page ![]() Pre-Production WM8311 w PP, May 2012, Rev 3.1 295 30.6 BATTERY TEMPERATURE MONITORING COMPONENTS Battery temperature monitoring is performed using a reference voltage output on the NTCBIAS pin. A potential divider is formed between the NTC bias resistor and the NTC thermistor component within the battery pack. The voltage present at the NTCMON pin is used to determine the battery temperature. The recommended connections and the derivation of VNTCMON is shown in Figure 44. WM8311 NTCMON BATTVDD GND Battery temperature measurement NTCBIAS Battery monitor source Single-cell lithium battery Main battery connection NTC bias resistor RBIAS (100k) NTC thermistor RNTC (100k at 25 C) VNTCMON = x VNTCBIAS RNTC 100k + RNTC Figure 44 Battery Temperature Monitoring The voltage thresholds for the Hot/Cold Battery Temperature conditions are fixed in the WM8311: The Cold Battery condition is detected when VNTCMON > 0.765 x VNTCBIAS The Hot Battery condition is detected when VNTCMON < 0.348 x VNTCBIAS If the NTC thermistor has a nominal resistance of 100k at 25C, and follows the Vishay Resistance- Temperature Curve 1, then the above equations result in the Hot Battery threshold = 40 C and the Cold Battery threshold = 0 C. For example, if the NTC thermistor resistance is 53.4k at 40C, then VNTCMON is given by the following equation: The upper and lower temperature thresholds can be adjusted by modification of the NTC bias resistor and/or the addition of another resistor between the battery pack and the NTCMON pin. If only the NTC bias resistor is adjusted, then either the upper or lower threshold can be selected, but not both; the other threshold will be determined by the thermistor characteristics. If an additional resistor is inserted between the battery pack and the NTCMON pin, then the upper and lower thresholds can be independently selected, with the constraint that the upper and lower thresholds must be at least 40 C apart. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |