Electronic Components Datasheet Search
  English  ▼

X  

WM8311 Datasheet(PDF) 299 Page - Wolfson Microelectronics plc

Part # WM8311
Description  Processor Power Management Subsystem
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8311 Datasheet(HTML) 299 Page - Wolfson Microelectronics plc

Back Button WM8311 Datasheet HTML 294Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 295Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 296Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 297Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 298Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 299Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 300Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 301Page - Wolfson Microelectronics plc WM8311 Datasheet HTML 302Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 299 / 302 page
background image
Pre-Production
WM8311
w
PP, May 2012, Rev 3.1
299
31 PACKAGE DIAGRAM
B: 121 BALL BGA PLASTIC PACKAGE 8 X 8 X 1.17 mm BODY, 0.65 mm BALL PITCH
NOTES:
1. PRIMARY DATUM -Z- AND SEATING PLANE ARE DEFINED BY THE SPHERICAL CROWNS OF THE SOLDER BALLS.
2. THIS DIMENSION INCLUDES STAND-OFF HEIGHT ‘A1’.
3. DIMENSION ‘b’ IS MEASURED AT THE MAXIMUM SOLDER BALL DIAMETER, PARALLEL TO PRIMARY DATUM -Z-.
4. A1 CORNER IS IDENTIFIED BY INK/LASER MARK ON TOP PACKAGE.
5. BILATERAL TOLERANCE ZONE IS APPLIED TO EACH SIDE OF THE PACKAGE BODY.
6. ‘e’ REPRESENTS THE BASIC SOLDER BALL GRID PITCH.
7. THIS DRAWING IS SUBJECT TO CHANGE WITHOUT NOTICE.
8. FALLS WITHIN JEDEC, MO-195
3
Y
Z
ccc
X
DETAIL 1
SOLDER BALL
b
Z
ddd
DETAIL 2
A1
Z
aaa
Z
bbb
Z
1
A1
CORNER
TOP VIEW
E
Z
0.10
2 X
D
5
4
DETAIL 2
A
A2
2
Z
0.10
2 X
DETAIL 1
e
BOTTOM VIEW
6
1
987
654
32
10
11
A
D
C
B
J
H
G
F
E
K
L
e
E1
D1
SIDE VIEW
A1
0.17
b
D
D1
E
E1
e
0.35
0.25
8.00 BSC
6.50 BSC
0.65 BSC
8.00 BSC
6.50 BSC
0.30
Dimensions (mm)
Symbols
MIN
NOM
MAX
NOTE
A
1.27
A2
0.91
0.96
1.01
0.10
aaa
bbb
ccc
0.08
0.15
Tolerances of Form and Position
ddd
0.05
6
REF:
JEDEC, MO-195
1.17
0.26
0.21
f
f
f
0.75 BSC
1.08
DM065.A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com