Electronic Components Datasheet Search
  English  ▼

X  

PXD10 Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # PXD10
Description  PXD10 Microcontroller
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PXD10 Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button PXD10 Datasheet HTML 18Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 19Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 20Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 21Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 22Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 23Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 24Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 25Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 130 page
background image
Overview
PXD10 Microcontroller Data Sheet, Rev. 1
Freescale Semiconductor
22
1.6.21
System Timer Module (STM)
The STM is a 32-bit timer that supports commonly required system and application software timing
functions. The STM includes a 32-bit up counter and four 32-bit compare channels with a separate
interrupt source for each channel. The counter is driven by the system clock divided by an 8-bit prescale
value (1 to 256).
•
One 32-bit up counter with 8-bit prescaler
•
Four 32-bit compare channels
•
Independent interrupt source for each channel
•
Counter can be stopped in debug mode
1.6.22
Software Watchdog Timer (SWT)
The SWT features the following:
•
Watchdog supporting software activation or enabled out of reset
•
Supports normal or windowed mode
•
Watchdog timer value writable once after reset
•
Watchdog supports optional halting during low power modes
•
Configurable response on timeout: reset, interrupt, or interrupt followed by reset
•
Selectable clock source for main system clock or internal 16 MHz RC oscillator clock
1.6.23
Interrupt Controller (INTC)
The INTC provides priority-based preemptive scheduling of interrupt requests, suitable for statically
scheduled hard real-time systems.
For high priority interrupt requests, the time from the assertion of the interrupt request from the peripheral
to when the processor is executing the interrupt service routine (ISR) has been minimized. The INTC
provides a unique vector for each interrupt request source for quick determination of which ISR needs to
be executed. It also provides an ample number of priorities so that lower priority ISRs do not delay the
execution of higher priority ISRs. To allow the appropriate priorities for each source of interrupt request,
the priority of each interrupt request is software configurable.
When multiple tasks share a resource, coherent accesses to that resource need to be supported. The INTC
supports the priority ceiling protocol for coherent accesses. By providing a modifiable priority mask, the
priority can be raised temporarily so that all tasks which share the resource can not preempt each other.
Multiple processors can assert interrupt requests to each other through software settable interrupt requests.
These same software settable interrupt requests also can be used to break the work involved in servicing an
interrupt request into a high priority portion and a low priority portion. The high priority portion is initiated by
a peripheral interrupt request, but then the ISR asserts a software settable interrupt request to finish the servicing
in a lower priority ISR. Therefore these software settable interrupt requests can be used instead of the peripheral
ISR scheduling a task through the RTOS. The INTC provides the following features:
•
Unique 9-bit vector for each of the possible 128 separate interrupt sources
•
Eight software-triggerable interrupt sources



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com