Electronic Components Datasheet Search
  English  ▼

X  

PXD10 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # PXD10
Description  PXD10 Microcontroller
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PXD10 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  PXD10 Datasheet HTML 1Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 2Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 3Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 4Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 5Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 6Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 7Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 8Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 130 page
background image
Overview
PXD10 Microcontroller Data Sheet, Rev. 1
Freescale Semiconductor
5
1.5
PXD10 features
1.5.1
Summary
•
Single issue, 32-bit Power Architecture technology compliant CPU core complex (e200z0h)
— Compatible with Power Architecture instruction set
— Includes variable length encoding (VLE) instruction set for smaller code size footprint; with
the encoding of mixed 16-bit and 32-bit instructions, it is possible to achieve significant code
size footprint reduction over conventional Book E compliant code
•
On-chip ECC flash memory with flash controller
— As much as 1 MB primary flash—two 512 KB modules with prefetch buffer and 128-bit data
access port
— 64 KB data flash—separate 4
16 KB flash block for EEPROM emulation with prefetch buffer
and 128-bit data access port
•
As much as 48 KB on-chip ECC SRAM with SRAM controller
•
As much as 160 KB on-chip non-ECC graphics SRAM with SRAM controller
•
Memory Protection Unit (MPU) with as many as 12 region descriptors and 32-byte region
granularity to provide basic memory access permission
•
Interrupt Controller (INTC) with as many as 127 peripheral interrupt sources and eight software
interrupts
•
Two Frequency-Modulated Phase-Locked Loops (FMPLLs)
— Primary FMPLL provides a 64 MHz system clock
— Auxiliary FMPLL is available for use as an alternate, modulated or non-modulated clock
source to eMIOS modules and as alternate clock to the DCU for pixel clock generation
•
Crossbar switch architecture enables concurrent access of peripherals, flash memory or RAM from
multiple bus masters (AMBA 2.0 v6 AHB)
•
16-channel Enhanced Direct Memory Access controller (eDMA) with multiple transfer request
sources using a DMA channel multiplexer
•
Boot Assist Module (BAM) supports internal flash programming via a serial link (FlexCAN or
LINFlex)
•
Display Control Unit to drive TFT LCD displays
— Includes processing of as many as four planes that can be blended together
— Offers a direct unbuffered hardware bit-blitter of as many as 16 software-configurable dynamic
layers in order to drastically minimize graphic memory requirements and provide fast
animations
— Programmable display resolutions are available up to WVGA
•
Parallel Data Interface (PDI) for digital video input
•
LCD segment driver module with two software programmable configurations:
— As many as 40 frontplane drivers and four backplane drivers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com