Electronic Components Datasheet Search
  English  ▼

X  

PXD10 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # PXD10
Description  PXD10 Microcontroller
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PXD10 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button PXD10 Datasheet HTML 5Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 6Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 7Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 8Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 9Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 10Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 11Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 12Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 130 page
background image
Table 1 summarizes the operating modes of PXD10 devices.
Table 1. Operating mode summary1
NOTES:
1
Table Key:
On—Powered and clocked
OP—Optionally configurable to be enabled or disabled (clock gated)
CG—Clock Gated, Powered but clock stopped
Off—Powered off and clock gated
FP—VREG Full Performance mode
LP—VREG Low Power mode, reduced output capability of VREG but lower power consumption
Var—Variable duration, based on the required reconfiguration and execution clock speed
BAM—Boot Assist Module Software and Hardware used for device start-up and configuration
Operating
modes
SOC features
Clock sources
Wake-up time2
2
A high level summary of some key durations that need to be considered when recovering from low power modes. This does not account for all durations
at wake up. Other delays will be necessary to consider including, but not limited to the external supply start-up time.
IRC Wake-up time must not be added to the overall wake-up time as it starts in parallel with the VREG.
All other wake-up times must be added to determine the total start-up time
RUN
OnOP
OPOn
On
OP
OPOnOPOnOP
—
—
FP
—
—
—
—
—
—
—
HALT
CG
OP
OP
On
On
OP
OP
On
OP
On
OP
OP
OP
FP
—
—
—
—
—
—
TBD
STOP
CG
CG
CG
On
On
CG
CG
OP
OP
On
OP
OP
OP
LP
50 µs
4 µs
20 µs
1ms
200 µs
—
24 µs
STANDBY
Off
Off3
3
The LCD can optionally be kept running while the device is in STANDBY mode.
Off
CG4
4
All of the RAM contents is retained, but not accessible in STANDBY mode.
Off
Off
Off
OP
OP
On
OP
OP
OP
LP
50 µs
8 µs
100 µs
1ms
200 µs
Var
28 µs
Off
Off
Off
8K5
5
8 KB of the RAM contents is retained, but not accessible in STANDBY mode.
Off
Off
Off
OP
OP
On
OP
OP
OP
LP
50 µs
8 µs
100 µs
1ms
200 µs
Var
28 µs
POR
500 µs 8 µs
100 µs
1ms
200 µs
BAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com