Electronic Components Datasheet Search
  English  ▼

X  

PXD10 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # PXD10
Description  PXD10 Microcontroller
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PXD10 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button PXD10 Datasheet HTML 6Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 7Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 8Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 9Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 10Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 11Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 12Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 13Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 130 page
background image
Overview
PXD10 Microcontroller Data Sheet, Rev. 1
Freescale Semiconductor
10
Additional notes on low power operation:
•
Fast wake-up using the on-chip 16 MHz internal RC oscillator allows rapid execution from RAM
on exit from low power modes
•
The 16 MHz internal RC oscillator supports low speed code execution and clocking of peripherals
when it is selected as the system clock and can also be used as the PLL input clock source to
provide fast start-up without the external oscillator delay
•
PXD10 devices include an internal voltage regulator that includes the following features:
— Regulates input to generate all internal supplies
— Manages power gating
— Low power regulators support operation when in STOP and STANDBY modes to minimize
power consumption
— Startup on-chip regulators in <50 µs for rapid exit of STOP and STANDBY modes
— Low voltage detection on main supply and 1.2 V regulated supplies
1.6.2
e200z0h core processor
The e200z0h processor is similar to other processors in the e200zx series but supports only the VLE
instruction set and does not include the signal processing extension for DSP applications or a floating point
unit.
The e200z0h has all the features of the e200z0 plus:
•
Branch acceleration using Branch Target Buffer (BTB)
•
Supports independent instruction and data accesses to different memory subsystems, such as
SRAM and Flash memory via independent Instruction and Data BIUs
The e200z0h processor uses a four stage in-order pipeline for instruction execution. The Instruction Fetch
(stage 1), Instruction Decode/Register file Read/Effective Address Calculation (stage 2), Execute/Memory
Access (stage 3), and Register Writeback (stage 4) stages operate in an overlapped fashion, allowing single
clock instruction execution for most instructions.
The integer execution unit consists of a 32-bit Arithmetic Unit (AU), a Logic Unit (LU), a 32-bit Barrel
shifter (Shifter), a Mask-Insertion Unit (MIU), a Condition Register manipulation Unit (CRU), a
Count-Leading-Zeros unit (CLZ), an 8 × 32 Hardware Multiplier array, result feed-forward hardware, and
a hardware divider.
Most arithmetic and logical operations are executed in a single cycle with the exception of the divide and
multiply instructions. A Count-Leading-Zeros unit operates in a single clock cycle. The Instruction Unit
contains a PC incrementer and a dedicated Branch Address adder to minimize delays during change of
flow operations. Branch target prefetching from the BTB is performed to accelerate certain taken branches.
Sequential prefetching is performed to ensure a supply of instructions into the execution pipeline. Branch
target prefetching is performed to accelerate taken branches. Prefetched instructions are placed into an
instruction buffer capable of holding four instructions.
Conditional branches not taken execute in a single clock. Branches with successful target prefetching have
an effective execution time of one clock on e200z0h. All other taken branches have an execution time of
two clocks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com