Electronic Components Datasheet Search
  English  ▼

X  

PXD10 Datasheet(PDF) 56 Page - Freescale Semiconductor, Inc

Part # PXD10
Description  PXD10 Microcontroller
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PXD10 Datasheet(HTML) 56 Page - Freescale Semiconductor, Inc

Back Button PXD10 Datasheet HTML 52Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 53Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 54Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 55Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 56Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 57Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 58Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 59Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 60Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 130 page
background image
Electrical characteristics
PXD10 Microcontroller Data Sheet, Rev. 1
Freescale Semiconductor
56
3.3
NVUSRO register
Portions of the device configuration, such as high voltage supply, oscillator margin, and watchdog
enable/disable after reset are controlled via bit values in the Nonvolatile User Options (NVUSRO) register.
For a detailed description of the NVUSRO register, please see the chip reference manual.
3.3.1
NVUSRO[PAD3V5V] field description
Table 10 shows how NVUSRO[PAD3V5V] controls the device configuration.
The DC electrical characteristics are dependent on the PAD3V5V bit value.
3.3.2
NVUSRO[OSCILLATOR_MARGIN] field description
Table 10 shows how NVUSRO[OSCILLATOR_MARGIN] controls the device configuration.
The 4–16 MHz fast external crystal oscillator consumption is dependent on the OSCILLATOR_MARGIN
bit value.
Table 10. PAD3V5V field description1
NOTES:
1 See the device reference manual for more information on the NVUSRO register.
Value2
2 Default manufacturing value before Flash initialization is ‘1’ (3.3 V)
Description
0
High voltage supply is 5.0 V
1
High voltage supply is 3.3 V
Table 11. OSCILLATOR_MARGIN field description1
NOTES:
1 See the device reference manual for more information on the NVUSRO register.
Value2
2 Default manufacturing value before Flash initialization is ‘1’
Description
0
Low consumption configuration (4 MHz/8 MHz)
1
High margin configuration (4 MHz/16 MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com