Electronic Components Datasheet Search
  English  ▼

X  

RT8167A Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT8167A
Description  Dual Single-Phase PWM Controller for CPU Core/GFX Power Supply
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8167A Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT8167A Datasheet HTML 1Page - Richtek Technology Corporation RT8167A Datasheet HTML 2Page - Richtek Technology Corporation RT8167A Datasheet HTML 3Page - Richtek Technology Corporation RT8167A Datasheet HTML 4Page - Richtek Technology Corporation RT8167A Datasheet HTML 5Page - Richtek Technology Corporation RT8167A Datasheet HTML 6Page - Richtek Technology Corporation RT8167A Datasheet HTML 7Page - Richtek Technology Corporation RT8167A Datasheet HTML 8Page - Richtek Technology Corporation RT8167A Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
RT8167A
4
DS8167A-00
January 2012
www.richtek.com
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Pin No.
Pin Name
Pin Function
32
RGNDA
Return Ground for GFX VR. This pin is the negative input for differential
remote voltage sensing.
33
FBA
GFX VR Feedback. This is the negative input node of the error amplifier.
34
COMPA
GFX VR Compensation. This pin is the output node of the error amplifier.
35
ISENAN
Negative Current Sense Input of GFX VR.
36
ISENAP
Positive Current Sense Input of GFX VR.
37
TONSETA
On-Time Setting of GFX VR. Connect this pin to VIN with one resistor.
38
EN
Chip Enable (Active High).
39
BOOTA
Bootstrap Flying Capacitor Connection for GFX VR. This pin powers the high
side MOSFET drivers. Connect this pin to PHASEA with an external ceramic
capacitor.
40
UGATEA
High Side MOSFET Floating Gate Driver Output for GFX VR. Connect this
pin to the gate of high side MOSFET.
41
PHASEA
Switching Node Connection for GFX VR. PHASEA is also the zero cross
detect input for GFX VR. Connect this pin to the high side MOSFET sources
together with the low side MOSFET drains and the inductor.
42
LGATEA
Synchronous-Rectifier Gate Driver Output of GFX VR. Connect this pin to the
gate of low side MOSFET.
43
PVCC
5V Power Supply of Driver. Bypass this pin to GND with a 1
μF or greater
ceramic capacitor.
44
LGATE
Synchronous-Rectifier Gate Driver Output of CORE VR. Connect this pin to
the gate of low side MOSFET.
45
PHASE
Switching Node Connection for CORE VR. PHASE is the internal lower
supply rail for the UGATE. PHASE is also the zero cross detect input for
CORE VR. Connect this pin to the high side MOSFET sources together with
the low side MOSFET drains and the inductor.
46
UGATE
High Side MOSFET Floating Gate Driver Output for CORE VR. Connect this
pin to the gate of high side MOSFET.
47
BOOT
Bootstrap Flying Capacitor Connection for CORE VR. This pin powers the
high side MOSFET drivers. Connect this pin to PHASE with an external
ceramic capacitor.
48
TONSET
On-Time Setting of CORE VR. Connect this pin to VIN with one resistor.
49 (Exposed pad)
GND
Ground. The exposed pad must be soldered to a large PCB and connected to
GND for maximum power dissipation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com