Electronic Components Datasheet Search
  English  ▼

X  

RT8167A Datasheet(PDF) 27 Page - Richtek Technology Corporation

Part # RT8167A
Description  Dual Single-Phase PWM Controller for CPU Core/GFX Power Supply
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8167A Datasheet(HTML) 27 Page - Richtek Technology Corporation

Back Button RT8167A Datasheet HTML 23Page - Richtek Technology Corporation RT8167A Datasheet HTML 24Page - Richtek Technology Corporation RT8167A Datasheet HTML 25Page - Richtek Technology Corporation RT8167A Datasheet HTML 26Page - Richtek Technology Corporation RT8167A Datasheet HTML 27Page - Richtek Technology Corporation RT8167A Datasheet HTML 28Page - Richtek Technology Corporation RT8167A Datasheet HTML 29Page - Richtek Technology Corporation RT8167A Datasheet HTML 30Page - Richtek Technology Corporation RT8167A Datasheet HTML 31Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
RT8167A
27
DS8167A-00
January 2012
www.richtek.com
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Standard Serial VID Command
Code
Commands
Master Payload
Contents
Slave Payload
Contents
Description
00h
not supported
N/A
N/A
N/A
01h
SetVID_Fast
VID code
N/A
Set new target VID code, VR jumps to new VID
target with controlled default “fast” slew rate
12.5mV/
μs.
02h
SetVID_Slow
VID code
N/A
Set new target VID code, VR jumps to new VID
target with controlled default “slow” slew rate
3.125mV/
μs.
03h
SetVID_Decay
VID code
N/A
Set new target VID code, VR jumps to new VID
target, but does not control the slew rate. The
output voltage decays at a rate proportional to
the load current
04h
SetPS
Byte indicating
power states
N/A
Set power state
05h
SetRegADR
Pointer of registers
in data table
N/A
Set the pointer of the data register
06h
SetReg DAT
New data register
content
N/A
Write the contents to the data register
07h
GetReg
Pointer of registers
in data table
Specified
Register
Contents
Slave returns the contents of the specified
register as the payload
08h
-
1Fh
not supported
N/A
N/A
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com