Electronic Components Datasheet Search
  English  ▼

X  

RT8167A Datasheet(PDF) 30 Page - Richtek Technology Corporation

Part # RT8167A
Description  Dual Single-Phase PWM Controller for CPU Core/GFX Power Supply
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8167A Datasheet(HTML) 30 Page - Richtek Technology Corporation

Back Button RT8167A Datasheet HTML 26Page - Richtek Technology Corporation RT8167A Datasheet HTML 27Page - Richtek Technology Corporation RT8167A Datasheet HTML 28Page - Richtek Technology Corporation RT8167A Datasheet HTML 29Page - Richtek Technology Corporation RT8167A Datasheet HTML 30Page - Richtek Technology Corporation RT8167A Datasheet HTML 31Page - Richtek Technology Corporation RT8167A Datasheet HTML 32Page - Richtek Technology Corporation RT8167A Datasheet HTML 33Page - Richtek Technology Corporation RT8167A Datasheet HTML 34Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
RT8167A
30
DS8167A-00
January 2012
www.richtek.com
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Figure 6. SETINI and SETINIA Pin Voltage Setting
Start Up Sequence
The RT8167A utilizes internal soft-start sequence which
strictly follows Intel VR12/IMVP7 start up sequence
specifications. After POR = high and EN = high, a 300
μs
delay is needed for the controller to determine whether all
the power inputs are ready for entering start up sequence.
If pin voltage of SETINI/SETINIA is zero, the output voltage
of CORE/GFX VR is programmed to stay at 0V. If pin
voltage of SETINI/SETINIA is not zero, VR output voltage
will ramp up to initial boot voltage (VINI_CORE, VINI_GFX) after
both POR = high and EN = high. After the output voltage
of CORE/GFX VR reaches target initial boot voltage, the
controller will keep the output voltage at the initial boot
voltage and wait for the next SVID commands. After the
RT8167A receives valid VID code (typically SetVID_Slow
command), the output voltage will ramp up/down to the
target voltage with specified slew rate. After the output
voltage reaches the target voltage, the RT8167A will send
out VR_READY signal to indicate the power state of the
RT8167A is ready. The VR_READY circuit is an open-
drain structure so a pull-up resistor is recommended for
connecting to a voltage source.
Power Down Sequence
Similar to the start up sequence, the RT8167A also utilizes
a soft shutdown mechanism during turn-off. After POR =
low, the internal reference voltage (positive terminal of
compensation EA) starts ramping down with 3.125mV/
μs
slew rate, and output voltage will follow the reference
voltage to 0V. After output voltage drops below 0.2V, the
RT8167A shuts down and all functions are disabled. The
VR_READY will be pulled down immediately after POR =
low.
VINI_CORE and VINI_GFX Setting
The initial start up voltage (VINI_CORE, VINI_GFX) of the
RT8167A can be set by platform users through SETINI
and SETINIA pins. Voltage divider circuit is recommended
to be applied to SETINI and SETINIA pins. The VINI_CORE/
VINI_GFX relate to SETINI/SETINIA pin voltage setting as
shown in Figure 6. Recommended voltage setting at SETINI
and SETINIA pins are also shown in Figure 6.
Figure 5. ADC Pins Setting
A/D
Converter
ICCMAX
ICCMAXA
TMPMAX
VCC
VINI_CORE
VINI_GFX
Recommended
SETINI/SETINIA Pin Voltage
1.1V
5
8
x VCC≒3.125V or VCC
1V
3
8
x VCC≒1.875V
0.9V
3
16
x VCC≒0.9375V
0V
1
16
x VCC≒0.3125V or GND
VCC (5V)
GND
1/8 VCC
1/4 VCC
1/2 VCC
VINI_CORE = 0.9V
VINI_GFX = 0.9V
VINI_CORE = 1.1V
VINI_GFX = 1.1V
VINI_CORE = 1V
VINI_GFX = 1V
VINI_CORE = 0V
VINI_GFX = 0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com