Electronic Components Datasheet Search
  English  ▼

X  

RT8167A Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT8167A
Description  Dual Single-Phase PWM Controller for CPU Core/GFX Power Supply
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8167A Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT8167A Datasheet HTML 1Page - Richtek Technology Corporation RT8167A Datasheet HTML 2Page - Richtek Technology Corporation RT8167A Datasheet HTML 3Page - Richtek Technology Corporation RT8167A Datasheet HTML 4Page - Richtek Technology Corporation RT8167A Datasheet HTML 5Page - Richtek Technology Corporation RT8167A Datasheet HTML 6Page - Richtek Technology Corporation RT8167A Datasheet HTML 7Page - Richtek Technology Corporation RT8167A Datasheet HTML 8Page - Richtek Technology Corporation RT8167A Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
RT8167A
®
DS8167A-00
January 2012
www.richtek.com
1
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Dual Single-Phase PWM Controller for CPU Core/GFX
Power Supply
Features
G-NAVP
TM (Green Native Active Voltage Positioning)
Topology
Dual Output Controller with Two Built-in Gate
Drivers
Serial VID Interface
0.5% DAC Accuracy
Differential Remote Output Voltage Sensing
Built-in ADC for Platform Programming
Diode Emulation Mode (DEM) at Light Load
Condition
Droop Enable/Disable
Fast Transient Response
VR12/IMVP7 Compatible Power Management
States
VR Ready Indicator
Thermal Throttling Indicator
Current Monitor Output
Switching Frequency up to 1MHz per Phase
Protection : OVP, UVP, NVP, OCP, UVLO
Small 48-Lead WQFN Package
RoHS Compliant and Halogen Free
Applications
VR12 / IMVP7 Intel CPU Core Supply
AVP Step-down Converter
Notebook/ Netbook/ Desktop Computer CPU Core
Supply
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current
requirements of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
General Description
The RT8167A is a dual single-phase synchronous Buck
PWM controller with integrated gate drivers, compliant
with Intel VR12/IMVP7 specification. A serial VID (SVID)
interface is built-in in the RT8167A to communicate with
Intel VR12/IMVP7 compliant CPU. The integrated
differential remote output voltage sensing function and
built-in high accuracy DAC achieve accurate output voltage
regulation.
The RT8167A supports VR12/ IMVP7 compatible power
management states and VID on-the-fly function. The
RT8167A operates in two power management states
including DEM in PS2 and Forced-CCM in PS1/PS0.
Richtek's proprietary G-NAVP
TM (GreenNativeAVP) makes
AVP (Active Voltage Positioning) design easier and more
robust. By utilizing the G-NAVP
TM topology, DEM and CCM
efficiency can be improved.
The RT8167A integrates high accuracy ADC for platform
setting functions, such as no-load offset or over current
level. Individual VR ready output signals are provided for
both CORE VR and GFX VR. The IC also features complete
fault protection functions, including over voltage, under
voltage, negative voltage, over current and under voltage
lockout. The RT8167A is available in a WQFN-48L 6x6
small foot print package.
Marking Information
RT8167AGQW : Product Number
YMDNN : Date Code
Package Type
QW : WQFN-48L 6x6 (W-Type)
RT8167A
Lead Plating System
G : Green (Halogen Free and Pb Free)
RT8167A
GQW
YMDNN


Similar Part No. - RT8167A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8167A RICHTEK-RT8167A Datasheet
659Kb / 41P
Dual Single-Phase PWM Controller
RT8167AGQW RICHTEK-RT8167AGQW Datasheet
659Kb / 41P
Dual Single-Phase PWM Controller
RT8167A RICHTEK-RT8167A_14 Datasheet
659Kb / 41P
Dual Single-Phase PWM Controller
More results

Similar Description - RT8167A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9243 RICHTEK-RT9243 Datasheet
487Kb / 18P
Multi-Phase PWM Controller for CPU Core Power Supply
RT9245 RICHTEK-RT9245 Datasheet
421Kb / 22P
Multi-Phase PWM Controller for CPU Core Power Supply
RT9246A RICHTEK-RT9246A Datasheet
281Kb / 16P
Multi-Phase PWM Controller for CPU Core Power Supply
RT9248 RICHTEK-RT9248 Datasheet
325Kb / 14P
Multi-Phase PWM Controller for CPU Core Power Supply
RT8167B RICHTEK-RT8167B Datasheet
576Kb / 38P
Dual Single-Phase PWM Controller for CPU and GPU Core Power Supply
RT8856 RICHTEK-RT8856 Datasheet
373Kb / 23P
Multi-Phase PWM Controller for CPU Core Power Supply
RT3607CE RICHTEK-RT3607CE Datasheet
959Kb / 69P
Multi-Phase PWM Controller for CPU Core Power Supply
RT8859M RICHTEK-RT8859M_14 Datasheet
729Kb / 51P
Multi-Phase PWM Controller for CPU Core Power Supply
RT8884C RICHTEK-RT8884C Datasheet
692Kb / 46P
Multi-Phase PWM Controller for CPU Core Power Supply
RT8152C RICHTEK-RT8152C Datasheet
406Kb / 24P
Single-Phase PWM Controller for CPU / GPU Core Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com