Electronic Components Datasheet Search
  English  ▼

X  

RT8167A Datasheet(PDF) 29 Page - Richtek Technology Corporation

Part # RT8167A
Description  Dual Single-Phase PWM Controller for CPU Core/GFX Power Supply
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8167A Datasheet(HTML) 29 Page - Richtek Technology Corporation

Back Button RT8167A Datasheet HTML 25Page - Richtek Technology Corporation RT8167A Datasheet HTML 26Page - Richtek Technology Corporation RT8167A Datasheet HTML 27Page - Richtek Technology Corporation RT8167A Datasheet HTML 28Page - Richtek Technology Corporation RT8167A Datasheet HTML 29Page - Richtek Technology Corporation RT8167A Datasheet HTML 30Page - Richtek Technology Corporation RT8167A Datasheet HTML 31Page - Richtek Technology Corporation RT8167A Datasheet HTML 32Page - Richtek Technology Corporation RT8167A Datasheet HTML 33Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
RT8167A
29
DS8167A-00
January 2012
www.richtek.com
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
ICCMAX, ICCMAXA and TMPMAX
The RT8167A provides ICCMAX, ICCMAXA and TMPMAX
pins for platform users to set the maximum level of output
current or VR temperature: ICCMAX for CORE VR
maximum current, ICCMAXA for GFX VR maximum
current, and TMPMAX for CORE VR maximum
temperature.
To set ICCMAX, ICCMAXA and TMPMAX, platform
designers should use resistive voltage dividers on these
three pins. The current of the divider should be several
milli-Amps to avoid noise effect. The three items share
the same algorithms : the ADC divides 5V into 255 levels.
Therefore, LSB = 5/255 = 19.6mV, which means 19.6mV
applied to ICCMAX pin equals to 1A setting. For example,
if a platform designer wants to set TMPMAX to 120
°C, the
voltage applied to TMPMAX should be 120 x 19.6mV =
2.352V. The ADC circuit inside these three pins will
decode the voltage applied and store the maximum current/
temperature setting into ICC_MAX and Temp_Max
registers. The ADC monitors and decodes the voltage at
these three pins only after EN = high. If EN = low, the
RT8167A will not take any action even when the VR output
current or temperature exceeds its maximum setting at
these ADC pins. The maximum level settings at these
ADC pins are different from over current protection or over
temperature protection. That means, these maximum level
setting pins are only for platform users to define their
system operating conditions and these messages will only
be utilized by the CPU.
Precise Reference Current Generation
The RT8167A includes extensive analog circuits inside
the controller. These analog circuits need very precise
reference voltage/current to drive these analog devices.
The RT8167A will auto-generate a 2.14V voltage source
at IBIAS pin, and a 53.6k
Ω resistor is required to be
connected between IBIAS and analog ground. Through
this connection, the RT8167A generates a 40
μA current
from IBIAS pin to analog ground and this 40
μA current will
be mirrored inside the RT8167A for internal use. Other
types of connection or other values of resistance applied
at the IBIAS pin may cause failure of the RT8167A's analog
circuits. Thus a 53.6k
Ω resistor is the only recommended
component to be connected to the IBIAS pin. The
resistance accuracy of this resistor is recommended to
be at least 1%.
Figure 4. IBIAS Setting
+
-
IBIAS
53.6k
Current
Mirror
2.14V
Power Ready Detection and Power On Reset (POR)
During start-up, the RT8167A detects the voltage on the
voltage input pins : VCC and EN. When VCC > VUVLO,
the RT8167A will recognize the power state of system to
be ready (POR = high) and wait for enable command at
EN pin. After POR = high and EN > VENTH, the RT8167A
will enter start-up sequence for both CORE VR and GFX
VR. If the voltage on any voltage pin drops below POR
threshold (POR = low), the RT8167A will enter power down
sequence and all the functions will be disabled. SVID will
be invalid within 300
μs after chip becomes enabled. All
the protection latches (OVP, OCP, UVP, OTP) will be
cleared only after POR = low. EN = low will not clear
these latches.
Figure 3. Power Ready Detection and Power On Reset
(POR)
VUVLO
VENTH
+
-
+
-
POR
Chip EN
VCC
EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com