Electronic Components Datasheet Search
  English  ▼

X  

RT9595 Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT9595
Description  MOSFET Integrated Smart Photoflash Capacitor Charger with IGBT Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9595 Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT9595 Datasheet HTML 1Page - Richtek Technology Corporation RT9595 Datasheet HTML 2Page - Richtek Technology Corporation RT9595 Datasheet HTML 3Page - Richtek Technology Corporation RT9595 Datasheet HTML 4Page - Richtek Technology Corporation RT9595 Datasheet HTML 5Page - Richtek Technology Corporation RT9595 Datasheet HTML 6Page - Richtek Technology Corporation RT9595 Datasheet HTML 7Page - Richtek Technology Corporation RT9595 Datasheet HTML 8Page - Richtek Technology Corporation RT9595 Datasheet HTML 9Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
RT9595
5
DS9595-04
March 2012
www.richtek.com
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Typical Operating Characteristics
Output Voltage vs. VBAT
290
292
294
296
298
300
302
304
306
308
310
1.5
2
2.5
3
3.5
4
4.5
5
5.5
VBAT (V)
VDD = 3.3V
85
°C
25
°C
−40°C
Charge Time vs. VBAT
2
4
6
8
10
12
14
1.5
2
2.5
3
3.5
4
4.5
5
5.5
VBAT (V)
VDD = 5V, VOUT = 0 to 300V, COUT = 140
μF
IPK-PRI = 1.4A
IPK-PRI = 1.6A
Charging Time
Time (1s/Div)
VDD = 3.3V, VBAT = 3.7V, COUT = 140
μF
STAT
(5V/Div)
IIN
(500mA/Div)
CHARGE
(5V/Div)
VOUT
(200V/Div)
Switching
Time (2.5
μs/Div)
VDD = 3.3V, VOUT = 300V, VBAT = 3.7V
IPRI
(1A/Div)
ISEC
(200mA/Div)
VSW
(20V/Div)
Switching
Time (2.5
μs/Div)
VDD = 3.3V, VOUT = 100V, VBAT = 3.7V
IPRI
(1A/Div)
ISEC
(200mA/Div)
VSW
(20V/Div)
Charge Time vs. VBAT
2
4
6
8
10
12
14
1.5
2
2.5
3
3.5
4
4.5
5
5.5
VBAT (V)
VDD = 3.3V, VOUT = 0 to 300V, COUT = 140
μF
IPK-PRI = 1.4A
IPK-PRI = 1.6A



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com