Electronic Components Datasheet Search
  English  ▼

X  

RT9595 Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT9595
Description  MOSFET Integrated Smart Photoflash Capacitor Charger with IGBT Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9595 Datasheet(HTML) 8 Page - Richtek Technology Corporation

  RT9595 Datasheet HTML 1Page - Richtek Technology Corporation RT9595 Datasheet HTML 2Page - Richtek Technology Corporation RT9595 Datasheet HTML 3Page - Richtek Technology Corporation RT9595 Datasheet HTML 4Page - Richtek Technology Corporation RT9595 Datasheet HTML 5Page - Richtek Technology Corporation RT9595 Datasheet HTML 6Page - Richtek Technology Corporation RT9595 Datasheet HTML 7Page - Richtek Technology Corporation RT9595 Datasheet HTML 8Page - Richtek Technology Corporation RT9595 Datasheet HTML 9Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
RT9595
8
DS9595-04
March 2012
www.richtek.com
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Thermal Considerations
For continuous operation, do not exceed absolute
maximum operation junction temperature. The maximum
power dissipation depends on the thermal resistance of
IC package, PCB layout, the rate of surroundings airflow
and temperature difference between junction to ambient.
The maximum power dissipation can be calculated by
following formula :
PD(MAX) = (TJ(MAX)
− TA) / θJA
Where TJ(MAX) is the maximum operation junction
temperature , TA is the ambient temperature and the
θJAis
the junction to ambient thermal resistance.
For recommended operating conditions specification, the
maximum junction temperature is 125
°C. The junction to
ambient thermal resistance
θJA is layout dependent. For
WDFN-10L 3x3 packages, the thermal resistance
θJA is
60
°C/W on the standard JEDEC 51-7 four layers thermal
test board. The maximum power dissipation at TA = 25
°C
can be calculated by following formula :
PD(MAX) = (125
°C − 25°C) / (60°C/W) = 1.667W for
WDFN-10L 3x3 packages
The maximum power dissipation depends on operating
ambient temperature for fixed TJ(MAX) and thermal
resistance
θJA. For WDFN-10L 3x3 package, the Figure 5
of derating curves allows the designer to see the effect of
rising ambient temperature on the maximum power
allowed.
Figure 6. Recommended Layout Guideline
GND
GND
GND
DRVOUT
CHARGE
DRVIN
SW
NC
CS
STAT
FB
VDD
9
8
7
1
2
3
4
5
10
6
11
PGND
PGND
VOUT
VBAT
Bottom
RCS
Figure 5. Derating Curve of Maximum Power Dissipation
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0
25
50
75
100
125
Ambient Temperature (°C)
WDFN-10L 3x3
Four Layers PCB
Layout Consideration
For best performance, the following guidelines should be
strictly followed.
Both of primary and secondary power paths should be
as short as possible.
Place the RCS as close to chip as possible. The GND
side of RCS should be directly connected to ground plane
to avoid noise coupling.
Keep FB node area small and far away from nodes with
voltage switching to reduce parasitic capacitance
coupling effect.
The PGND should be connected to VBAT ground plane
to reduce switching noise.
CHARGE
DRVIN
DRVOUT
BUF
Figure 4. Trigger Logic
False Triggering Prevention
The RT9595 includes a mechanism to prevent false
triggering of DRVOUT while the device is still in charging
mode.
With this mechanism, the DRVIN pin is only allowed to
trigger DRVOUT when the CHARGE pin is low.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com