Electronic Components Datasheet Search
  English  ▼

X  

RT9595 Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT9595
Description  MOSFET Integrated Smart Photoflash Capacitor Charger with IGBT Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9595 Datasheet(HTML) 7 Page - Richtek Technology Corporation

  RT9595 Datasheet HTML 1Page - Richtek Technology Corporation RT9595 Datasheet HTML 2Page - Richtek Technology Corporation RT9595 Datasheet HTML 3Page - Richtek Technology Corporation RT9595 Datasheet HTML 4Page - Richtek Technology Corporation RT9595 Datasheet HTML 5Page - Richtek Technology Corporation RT9595 Datasheet HTML 6Page - Richtek Technology Corporation RT9595 Datasheet HTML 7Page - Richtek Technology Corporation RT9595 Datasheet HTML 8Page - Richtek Technology Corporation RT9595 Datasheet HTML 9Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
RT9595
7
DS9595-04
March 2012
www.richtek.com
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
PK-R
OUT
BAT
VV
(N V
)
≈+
×
The peak current of the diode equals the primary peak
current divided by the transformer turn ratio as the following
equation :
PK-PRI
PK-SEC
I
I
N
=
Where : N is the transformer turns ratio.
Output Voltage Setting
The RT9595 senses the output voltage by a voltage divider
connecting to the anode of the rectifying diode during OFF
time as shown in Figure 2. This eliminates power loss at
voltage-sensing circuit when charging is completed. R1
to R2 ratio determines the output voltage as shown in the
typical application circuit. The feedback reference voltage
is 1V.
OUT
FB
R1+R2
R1+R2
V
V
(1
) and
299
R3
R3
=× +
=
It is recommended to set R3 = 1k
Ω and R1 = R2 = 150kΩ
for reducing parasitic capacitance coupling effect of the
FB pin. R1 and R2 MUST be greater than 0805 size
resistor for enduring secondary HV. Another sensing
method is to sense the output voltage directly as shown
in Figure 3.
Figure 2. Sensing Anode of Diode
Figure 3. Sensing Output Voltage
R3
COUT
R1
1k
R2
150k
150k
VOUT
FB
R3
COUT
R1
66.5k
R2
10M
10M
VOUT
FB
C1
10nF
Over Voltage Protection (OVP)
The RT9595 provides over voltage protection (OVP)
function. In the typical application circuit, if the FB resistor
R1, R2 or R3 is open, the FB voltage will be pulled low or
floating. In this condition, when the CHARGE pin goes
High, the RT9595 begins switching, once the SW voltage
rises to higher than 10V, the OVP function will be triggered.
The avoiding OVP battery voltage upper limit is shown as
the following equation :
3. Leakage Inductance
The leakage inductance of the transformer results in the
first spike voltage when N-MOSFET turns off. The spike
voltage is proportional to the leakage inductance and
inductor peak current. The spike voltage must not exceed
the dynamic rating of the N-MOSFET drain to source
voltage (45V).
4. Transformer Secondary Capacitance
Any capacitance on the secondary can severely affect
the efficiency. A small secondary capacitance is multiplied
by N2 when reflected to the primary will become large.
This capacitance forms a resonant circuit with the primary
leakage inductance of the transformer. Therefore, both the
primary leakage inductance and secondary side
capacitance should be minimized.
Rectifying Diode
The rectifying diode should be with short reverse recovery
time (small parasitic capacitance). Large parasitic
capacitance increases switching loss and lowers charging
efficiency.
In addition, the peak reverse voltage and peak current of
the diode should be sufficient.
The peak reverse voltage of the diode can be calculated
as following Equation :
BAT
0.16 (R1+R2+R3)
V10V
NR3
×
<−
×
N : Transformer turns ratio.
If VOUT = 300V, according the following equation :



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com