Electronic Components Datasheet Search
  English  ▼

X  

RT9595 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9595
Description  MOSFET Integrated Smart Photoflash Capacitor Charger with IGBT Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9595 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9595 Datasheet HTML 1Page - Richtek Technology Corporation RT9595 Datasheet HTML 2Page - Richtek Technology Corporation RT9595 Datasheet HTML 3Page - Richtek Technology Corporation RT9595 Datasheet HTML 4Page - Richtek Technology Corporation RT9595 Datasheet HTML 5Page - Richtek Technology Corporation RT9595 Datasheet HTML 6Page - Richtek Technology Corporation RT9595 Datasheet HTML 7Page - Richtek Technology Corporation RT9595 Datasheet HTML 8Page - Richtek Technology Corporation RT9595 Datasheet HTML 9Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
RT9595
®
DS9595-04
March 2012
www.richtek.com
1
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Pin Configurations
(TOP VIEW)
WDFN-10L 3x3
MOSFET Integrated Smart Photoflash Capacitor Charger
with IGBT Driver
General Description
The RT9595 is a complete photoflash module solution for
digital and film cameras. It is targeted for applications that
use 2 to 3 AA batteries or 1 Lithium-Ion battery. The RT9595
adopts fly back topology which use constant primary peak
current and zero secondary valley current to charge
photoflash capacitor quickly and efficiently. The built-in
45V MOSFET allows flexibility in transformer design and
simplifies the PCB layout. The RT9595 also integrate an
IGBT driver for igniting photoflash tube. Only a few external
components are required, which greatly reduce the PCB
space and cost. The RT9595 is available in the
WDFN-10L 3x3 package.
Features
45V MOSFET Integrated
Charges any Size Photoflash Capacitor
Adjustable Input Current
Adjustable Output Voltage
Charge Complete Indicator
Built-In IGBT Driver for IGBT Application
Constant Peak Current Control
Over Voltage Protection
10-Lead WDFN Package
RoHS Compliant and Halogen Free
Applications
Digital Still Camera
Film Camera Flash Unit
Camera Phone Flash
GND
DRVOUT
CHARGE
DRVIN
SW
NC
CS
STAT
FB
VDD
9
8
7
1
2
3
4
5
10
6
11
Marking Information
FC=YM
DNN
FC= : Product Code
YMDNN : Date Code
RT9595
Package Type
QW : WDFN-10L 3x3 (W-Type)
Lead Plating System
G : Green (Halogen Free and Pb Free)


Similar Part No. - RT9595

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9591 RICHTEK-RT9591 Datasheet
298Kb / 13P
Smart Photoflash Capacitor Charger with IGBT Driver
RT9591GQV RICHTEK-RT9591GQV Datasheet
298Kb / 13P
Smart Photoflash Capacitor Charger with IGBT Driver
RT9591PQV RICHTEK-RT9591PQV Datasheet
298Kb / 13P
Smart Photoflash Capacitor Charger with IGBT Driver
RT9594A RICHTEK-RT9594A Datasheet
219Kb / 10P
MOSFET Integrated Smart Photoflash Capacitor Charger with IGBT Driver
RT9598 RICHTEK-RT9598 Datasheet
135Kb / 11P
MOSFET Integrated Smart Photoflash Capacitor Charger with IGBT Driver
November 2013
More results

Similar Description - RT9595

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8436 ALLEGRO-A8436 Datasheet
702Kb / 14P
Photoflash Capacitor Charger with IGBT Driver
A8438 ALLEGRO-A8438 Datasheet
528Kb / 13P
Photoflash Capacitor Charger with IGBT Driver
A8439 ALLEGRO-A8439 Datasheet
567Kb / 14P
Photoflash Capacitor Charger with IGBT Driver and Refresh
A8438 ALLEGRO-A8438_06 Datasheet
578Kb / 15P
Photoflash Capacitor Charger with IGBT Driver
logo
Richtek Technology Corp...
RT9591 RICHTEK-RT9591 Datasheet
298Kb / 13P
Smart Photoflash Capacitor Charger with IGBT Driver
RT9594A RICHTEK-RT9594A Datasheet
219Kb / 10P
MOSFET Integrated Smart Photoflash Capacitor Charger with IGBT Driver
logo
Allegro MicroSystems
A8438 ALLEGRO-A8438_13 Datasheet
550Kb / 15P
Photoflash Capacitor Charger with IGBT Driver
A8426EESTR-T ALLEGRO-A8426EESTR-T Datasheet
445Kb / 16P
High Performance Photoflash Capacitor Charger with IGBT Driver
A8437ECGLT ALLEGRO-A8437ECGLT Datasheet
644Kb / 22P
Mobile Phone Xenon Photoflash Capacitor Charger with IGBT Driver
A8837 ALLEGRO-A8837 Datasheet
426Kb / 11P
Photoflash Capacitor Charger with IGBT Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com