Electronic Components Datasheet Search
  English  ▼

X  

RT9595 Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT9595
Description  MOSFET Integrated Smart Photoflash Capacitor Charger with IGBT Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9595 Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT9595 Datasheet HTML 1Page - Richtek Technology Corporation RT9595 Datasheet HTML 2Page - Richtek Technology Corporation RT9595 Datasheet HTML 3Page - Richtek Technology Corporation RT9595 Datasheet HTML 4Page - Richtek Technology Corporation RT9595 Datasheet HTML 5Page - Richtek Technology Corporation RT9595 Datasheet HTML 6Page - Richtek Technology Corporation RT9595 Datasheet HTML 7Page - Richtek Technology Corporation RT9595 Datasheet HTML 8Page - Richtek Technology Corporation RT9595 Datasheet HTML 9Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
RT9595
3
DS9595-04
March 2012
www.richtek.com
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Pin N o.
Pin N ame
Pin Function
1,
11 (Exposed Pad)
GND
Ground. The exposed pad must be soldered to a large PCB and connected to
GND for maximum power dissipation.
2
DRVOUT
IGBT Driver Output Pin.
3
VDD
Power Input Pin.
4
DRVIN
IGBT Driver Input Pin.
5
CH ARGE
Charge Enable Pin. The charge function is executed w hen CHAR GE pin is
set from Low to High. The chip is in Shutdown mode when CHARGE pin is
set to Low .
6
STAT
Charge Status Output. Open Drain output. When target output voltage is
reached, N-MOSFET turns on. This pin needs a pull up resistor.
7
FB
Feedback Voltage Pin.
8
CS
Input C urrent Setting Pin.
9
NC
No Internal C onnection.
10
SW
N-MOSFET Switching Node.
Functional Pin Description
Recommended Operating Conditions
(Note 4)
Drain Source Voltage ----------------------------------------------------------------------------------------------------- 40V
Junction Temperature Range --------------------------------------------------------------------------------------------
−40°C to 125°C
Ambient Temperature Range --------------------------------------------------------------------------------------------
−40°C to 85°C
Absolute Maximum Ratings
(Note 1)
Supply Voltage, VDD ------------------------------------------------------------------------------------------------------ 6V
Built-in N-Channel Enhancement MOSFET
Drain-Source Voltage ----------------------------------------------------------------------------------------------------- 45V
CS, CHARGE, DRVIN, DRVOUT, STAT, FB ------------------------------------------------------------------------- 6V
SW Pulse Current (Pulse Width
1
μs) ----------------------------------------------------------------------------- 4A
SW Continuous Current ------------------------------------------------------------------------------------------------- 2A
Power Dissipation, PD @ TA = 25
°C
WDFN-10L 3x3 ------------------------------------------------------------------------------------------------------------- 1.667W
Package Thermal Resistance (Note 2)
WDFN-10L 3x3,
θJA ------------------------------------------------------------------------------------------------------- 60°C/W
WDFN-10L 3x3,
θJC ------------------------------------------------------------------------------------------------------- 7.5°C/W
Junction Temperature ----------------------------------------------------------------------------------------------------- 150
°C
Lead Temperature (Soldering, 10 sec.) ------------------------------------------------------------------------------- 260
°C
Storage Temperature Range --------------------------------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 3)
HBM (Human Body Mode) ---------------------------------------------------------------------------------------------- 2kV
MM (Machine Mode) ------------------------------------------------------------------------------------------------------ 200V
≤



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com