Electronic Components Datasheet Search
  English  ▼

X  

LCX038ART Datasheet(PDF) 12 Page - Sony Corporation

Part # LCX038ART
Description  1.8cm (0.7 Type) Black-and-White LCD Panel
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX038ART Datasheet(HTML) 12 Page - Sony Corporation

Back Button LCX038ART Datasheet HTML 8Page - Sony Corporation LCX038ART Datasheet HTML 9Page - Sony Corporation LCX038ART Datasheet HTML 10Page - Sony Corporation LCX038ART Datasheet HTML 11Page - Sony Corporation LCX038ART Datasheet HTML 12Page - Sony Corporation LCX038ART Datasheet HTML 13Page - Sony Corporation LCX038ART Datasheet HTML 14Page - Sony Corporation LCX038ART Datasheet HTML 15Page - Sony Corporation LCX038ART Datasheet HTML 16Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
– 12 –
LCX038ART
Reflection Preventive Processing
When a phase substrate which rotates the polarization axis is used to adjust to the polarization direction of a
polarization screen or prism, use a phase substrate with reflection preventive processing on the surface. This
prevents characteristic deterioration caused by luminous reflection.
Electro-optical Characteristics
(XGA mode)
Item
Contrast ratio
25°C
25°C
25°C
60°C
25°C
60°C
25°C
60°C
0°C
25°C
0°C
25°C
60°C
25°C
25°C
CR
T
RV90-25
GV90-25
BV90-25
RV90-60
GV90-60
BV90-60
RV50-25
GV50-25
BV50-25
RV50-60
GV50-60
BV50-60
RV10-25
GV10-25
BV10-25
RV10-60
GV10-60
BV10-60
ton0
ton25
toff0
toff25
F
YT60
CTK
1
2
3
4
5
6
7
—
%
V
ms
dB
s
%
Optical transmittance
V-T
characteristics
V90
V50
ON time
OFF time
V10
Response time
Flicker
Image retention time
Cross talk
Symbol
Measurement method
Min.
Typ.
Max.
Unit
250
17
0.9
1.0
1.1
0.8
0.9
1.0
1.2
1.3
1.4
1.2
1.3
1.4
1.6
1.7
1.8
1.6
1.7
1.8
—
—
—
—
—
—
—
350
21
1.2
1.3
1.4
1.1
1.2
1.3
1.5
1.6
1.7
1.5
1.6
1.7
1.9
2.0
2.1
1.9
2.0
2.1
28.0
14.0
72.0
34.0
–67.0
0
—
—
—
1.5
1.6
1.7
1.4
1.5
1.6
1.8
1.9
2.0
1.8
1.9
2.0
2.2
2.3
2.4
2.2
2.3
2.4
80.0
40.0
200.0
70.0
–40.0
—
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com