Electronic Components Datasheet Search
  English  ▼

X  

LCX038ART Datasheet(PDF) 27 Page - Sony Corporation

Part # LCX038ART
Description  1.8cm (0.7 Type) Black-and-White LCD Panel
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX038ART Datasheet(HTML) 27 Page - Sony Corporation

Back Button LCX038ART Datasheet HTML 19Page - Sony Corporation LCX038ART Datasheet HTML 20Page - Sony Corporation LCX038ART Datasheet HTML 21Page - Sony Corporation LCX038ART Datasheet HTML 22Page - Sony Corporation LCX038ART Datasheet HTML 23Page - Sony Corporation LCX038ART Datasheet HTML 24Page - Sony Corporation LCX038ART Datasheet HTML 25Page - Sony Corporation LCX038ART Datasheet HTML 26Page - Sony Corporation LCX038ART Datasheet HTML 27Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 27 / 27 page
background image
– 27 –
LCX038ART
Package Outline
Unit: mm
Mass
5.6g
8
7
5
3
2
4.7
± 0.2
Thickness of the connector 0.3
± 0.05
2.2
± 0.1
Incident
light
9
Output light
Polarizing Axis
Active Area
1
4
25.0
± 0.15
(14.33)
12.5
± 0.15
2.0
± 0.1
21.0
± 0.1
5-
φ1.8 ± 0.05
6
Incident light
Polarizing Axis
16.5
± 0.05
The rotation angle of the active area relative to H and V is
± 1°.
electrode (enlarged)
P0.5
× 31 = 15.5 ± 0.1
0.5
± 0.1
PIN32
PIN1
0.35
± 0.03
Description
Molding material
Outside frame
Reinforcing board
Reinforcing material
F P C
No
1
2
3
4
5
6
7
Cover 1
Cover 2
8
9
Glass 1
Glass 2
Sony Corporation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com