Electronic Components Datasheet Search
  English  ▼

X  

LCX038ART Datasheet(PDF) 20 Page - Sony Corporation

Part # LCX038ART
Description  1.8cm (0.7 Type) Black-and-White LCD Panel
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX038ART Datasheet(HTML) 20 Page - Sony Corporation

Back Button LCX038ART Datasheet HTML 16Page - Sony Corporation LCX038ART Datasheet HTML 17Page - Sony Corporation LCX038ART Datasheet HTML 18Page - Sony Corporation LCX038ART Datasheet HTML 19Page - Sony Corporation LCX038ART Datasheet HTML 20Page - Sony Corporation LCX038ART Datasheet HTML 21Page - Sony Corporation LCX038ART Datasheet HTML 22Page - Sony Corporation LCX038ART Datasheet HTML 23Page - Sony Corporation LCX038ART Datasheet HTML 24Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
– 20 –
LCX038ART
This LCD panel has the following functions to easily apply to various uses, as well as various broadcasting
systems.
• Right/left inverse mode
• Up/down inverse mode
These modes are controlled by two signals (RGT and DWN). The right/left and/or up/down setting modes are
shown below.
Right/left and/or up/down mean the direction when the Pin 1 marking is located at the right side with the pin
block upside.
To locate the active area in the center of the panel in each mode, polarity of the start pulse and clock phase for
both the H and V systems must be varied. The phase relationship between the start pulse and the clock for
each mode is shown below.
(1) Vertical direction display cycle
(DWN = H, L)
RGT
Mode
Right scan
Left scan
H
L
DWN
Mode
Down scan
Up scan
H
L
VD
12
Vertical display cycle 768H
VCK
3
766 767 768
VST
765
VD
12
Vertical display cycle 640H
VCK
3
638 639 640
VST
637
(1.2) PC98
(1.1) XGA, SXGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com