Electronic Components Datasheet Search
  English  ▼

X  

LCX038ART Datasheet(PDF) 19 Page - Sony Corporation

Part # LCX038ART
Description  1.8cm (0.7 Type) Black-and-White LCD Panel
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX038ART Datasheet(HTML) 19 Page - Sony Corporation

Back Button LCX038ART Datasheet HTML 15Page - Sony Corporation LCX038ART Datasheet HTML 16Page - Sony Corporation LCX038ART Datasheet HTML 17Page - Sony Corporation LCX038ART Datasheet HTML 18Page - Sony Corporation LCX038ART Datasheet HTML 19Page - Sony Corporation LCX038ART Datasheet HTML 20Page - Sony Corporation LCX038ART Datasheet HTML 21Page - Sony Corporation LCX038ART Datasheet HTML 22Page - Sony Corporation LCX038ART Datasheet HTML 23Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
– 19 –
LCX038ART
2. LCD Panel Operations
[Description of basic operations]
• A vertical driver, which consists of vertical shift registers, enable-gates and buffers, applies a selected pulse
to every 768 gate lines sequentially in a single horizontal scanning period. (XGA mode)
• A horizontal driver, which consists of horizontal shift registers, gates and CMOS sample-and-hold circuits,
applies selected pulses to every 1024 signal electrodes sequentially in a single horizontal scanning period.
These pulses are used to supply the sampled video signal to the row signal lines.
• Vertical and horizontal shift registers address one pixel, and then Thin Film Transistors (TFTs; two TFTs) turn
on to apply a video signal to the dot. The same procedures lead to the entire 1024
× 768 dots to display a
picture in a single vertical scanning period.
• The data and video signals shall be input with the 1H-inverted system.
[Description of operating mode]
This LCD panel can change the active area by displaying a black frame to support various computer or video
signals. The active area is switched by HB, VB and BLK. However, the center of the screen is not changed.
The active area setting modes are shown below.
HB
VB
BLK
Screen aspect ratio
HH
H
L
H
H
∗1
4:3
1024
× 768
5:4∗2
960
× 768
8:5
1024
× 640
L
H
∗1 Input BLK pulse (refer to drive waveform and vertical blanking period of PC98 made).
∗2 For only aspect ratio 5:4 mode, set Psig and COM voltage as shown below. The value of PsigG and COM
voltage is typical value. It is necessary to optimize the voltage for each set construction.
Psig
COM
PRG∗3
VVC + 5.0 [V]
VVC + 1.0 [V]
VCOM + 2.0
VVC – 5.0 [V]
VVC
VVC – 1.0 [V]
VCOM
VCOM – 2.0
Psig B
Psig G
∗3 PRG shows the time of the 1st step of Psig signal, and it is not input to the panel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com