Electronic Components Datasheet Search
  English  ▼

X  

LCX038ART Datasheet(PDF) 11 Page - Sony Corporation

Part # LCX038ART
Description  1.8cm (0.7 Type) Black-and-White LCD Panel
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX038ART Datasheet(HTML) 11 Page - Sony Corporation

Back Button LCX038ART Datasheet HTML 7Page - Sony Corporation LCX038ART Datasheet HTML 8Page - Sony Corporation LCX038ART Datasheet HTML 9Page - Sony Corporation LCX038ART Datasheet HTML 10Page - Sony Corporation LCX038ART Datasheet HTML 11Page - Sony Corporation LCX038ART Datasheet HTML 12Page - Sony Corporation LCX038ART Datasheet HTML 13Page - Sony Corporation LCX038ART Datasheet HTML 14Page - Sony Corporation LCX038ART Datasheet HTML 15Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
– 11 –
LCX038ART
Electrical Characteristics (Ta = 25°C, HVDD = 13.5V, VVDD = 15.5V)
1. Horizontal drivers
Item
Input pin capacitance
HCKn
HST
Input pin current
HCK1
HCK2
HST
RGT
Video signal input pin capacitance
Current consumption
CHckn
CHst
Csig
IH
HCK1 = GND
HCK2 = GND
HST = GND
RGT = GND
HCKn: HCK1, HCK2 (3.9MHz)
—
—
–500
–1000
–500
–150
—
—
15
15
–200
–300
–150
–40
50
10.0
20
20
—
—
—
—
200
15.0
pF
pF
µA
µA
µA
µA
pF
mA
Symbol
Min.
Typ.
Max.
Unit
Condition
2. Vertical drivers
Item
Input pin capacitance
VCK
VST
Input pin current
VCK, PCG
VST, ENB, DWN, BLK, HB,
VB
Current consumption
CVck
CVst
IV
—
—
–1000
–150
—
15
15
–150
–30
3.0
20
20
—
—
6.0
pF
pF
µA
µA
mA
Symbol
Min.
Typ.
Max.
Unit
Condition
3. Total power consumption of the panel
4. Pin input resistance
Item
Pin – VSS input resistance
Rpin
0.4
1
—
M
Ω
Symbol
Min.
Typ.
Max.
Unit
Item
COM pin capacitance
COM
—
17
25
nF
Symbol
Min.
Typ.
Max.
Unit
Item
Total power consumption of the panel
PWR
—
200
350
mW
Symbol
Min.
Typ.
Max.
Unit
VCK = GND, PCG = GND
VST, ENB, DWN, BLK, HB,
VB = GND
VCK: (34.3kHz)
5. Uniformity improvement signal
Item
Input pin capacitance for uniformity
improvement signal
CPSIGo
11
nF
Symbol
Min.
Typ.
Max.
Unit
—
16
6. COM pin capacitance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com