Electronic Components Datasheet Search
  English  ▼

X  

RT6010 Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT6010
Description  Dual Channel High Efficiency and High Accuracy Average Current Control LED Backlight Buck Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6010 Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT6010 Datasheet HTML 1Page - Richtek Technology Corporation RT6010 Datasheet HTML 2Page - Richtek Technology Corporation RT6010 Datasheet HTML 3Page - Richtek Technology Corporation RT6010 Datasheet HTML 4Page - Richtek Technology Corporation RT6010 Datasheet HTML 5Page - Richtek Technology Corporation RT6010 Datasheet HTML 6Page - Richtek Technology Corporation RT6010 Datasheet HTML 7Page - Richtek Technology Corporation RT6010 Datasheet HTML 8Page - Richtek Technology Corporation RT6010 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
RT6010
4
DS6010-00 March 2012
www.richtek.com
©
Copyright 2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Function Block Diagram
GATE1
GATE2
Average
Control Logic
Average
Control Logic
+
-
Dimming
Control
Protection
OTP
Bar open
Bar short to VIN
Bar short to GND
OSC
+
-
CS1, CS2
PWM_OUT
RT_OUT
VCC
VSS
Off_time control
10µA
1V
2V
Enable
EN_PWM1
EN_PWM2
CS1
EN
CS2
DIM/PWM_IN
D_OSC
DPS
RT
F_DELAY
FAULT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com