Electronic Components Datasheet Search
  English  ▼

X  

RT6010 Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT6010
Description  Dual Channel High Efficiency and High Accuracy Average Current Control LED Backlight Buck Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6010 Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT6010 Datasheet HTML 1Page - Richtek Technology Corporation RT6010 Datasheet HTML 2Page - Richtek Technology Corporation RT6010 Datasheet HTML 3Page - Richtek Technology Corporation RT6010 Datasheet HTML 4Page - Richtek Technology Corporation RT6010 Datasheet HTML 5Page - Richtek Technology Corporation RT6010 Datasheet HTML 6Page - Richtek Technology Corporation RT6010 Datasheet HTML 7Page - Richtek Technology Corporation RT6010 Datasheet HTML 8Page - Richtek Technology Corporation RT6010 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
RT6010
3
DS6010-00 March 2012
www.richtek.com
©
Copyright 2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Functional Pin Description
Pin No.
Pin Name
Pin Function
1
VCC
Power Supply for PWM Controller.
2
DIM/PWM_IN
Dimming PWM Pulse Input or Analog Voltage Input.
3
RT
Constant off time setting by connecting proper resistor to VSS.
4
D_OSC
For analog dimming, D_OSC should be connected to a capacitor to generate
dimming triangle oscillator that is compared with DIM/PWM_IN DC voltage level to
generate PWM dimming pulse. For digital dimming, D_OSC should be connected
to VSS.
5
F_DELAY
Define FAULT pin output delay by connecting to a proper capacitor to prevent false
trigger for UVP and OTP.
6
FAULT
Open drain output fault including UVP, OVP, and OTP (Active Low).
7
NC
No Internal Connection.
8
DPS
Smart Phase Shift Dimming Disable Pin. Pull DPS high to disable function.
9
CS1
Channel 1 Current Sense Input.
10
GATE1
Channel 1 Current Gate Driver Output.
11
GATE2
Channel 2 Current Gate Driver Output.
12
CS2
Channel 2 Current Sense Input.
13
EN
Chip Enable (Active High). Enable PWM system, prefer connect to VIN resistive
voltage divider to guarantee VIN power ready to prevent from PWM malfunction.
14
RT_OUT
Output for the next RT6010 RT.
15
PWM_OUT
SPD (Smart Phase Shift Dimming) output for slave to synchronize dimming phase
shift.
16
VSS
Ground.
Figure 3. Synchronization for Multiple Channel_Analog
VCC
EN
DIM/PWM_IN
DPS
F_DELAY
D_OSC
RT6010 (Stage_1)
VSS RT
RT_OUT PWM_OUT
GATE1
CS1
GATE2
CS2
VIN
12V
FAULT
5V
EN
VCC
EN
DIM/PWM_IN
DPS
F_DELAY
D_OSC
RT6010 (Stage_2)
VSS
RT
RT_OUT PWM_OUT
GATE1
CS1
GATE2
CS2
4.7mH
4.7mH
FAULT
5V
FAULT
Stage_3 DIM/PWM_IN
Stage_3 RT
High : Disable SPD Function
Low : Support SPD
0.22µF
4.7mH
4.7mH
0.22µF
Q2
D2
D1
Q1
10µF
10nF
5
5
120µF/450V
50k
180k
10nF
0.22µF
0.22µF
Q4
D4
D3
Q3
5
5
22nF
1k
10nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com