Electronic Components Datasheet Search
  English  ▼

X  

RT6010 Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT6010
Description  Dual Channel High Efficiency and High Accuracy Average Current Control LED Backlight Buck Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6010 Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT6010 Datasheet HTML 3Page - Richtek Technology Corporation RT6010 Datasheet HTML 4Page - Richtek Technology Corporation RT6010 Datasheet HTML 5Page - Richtek Technology Corporation RT6010 Datasheet HTML 6Page - Richtek Technology Corporation RT6010 Datasheet HTML 7Page - Richtek Technology Corporation RT6010 Datasheet HTML 8Page - Richtek Technology Corporation RT6010 Datasheet HTML 9Page - Richtek Technology Corporation RT6010 Datasheet HTML 10Page - Richtek Technology Corporation RT6010 Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
RT6010
7
DS6010-00 March 2012
www.richtek.com
©
Copyright 2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Typical Operating Characteristics
LED Current vs. Analog Dimming Voltage
0
20
40
60
80
100
120
0.6 0.8
1
1.2 1.4 1.6 1.8
2
2.2 2.4 2.6 2.8
Analog Dimming Voltage (V)
ILED1
VIN = 120V, VOUT1 = VOUT2 = 90V, 56LEDs
ILED2
Efficiency vs. Input Voltage
0
10
20
30
40
50
60
70
80
90
100
110 120 130 140 150 160 170 180 190 200
Input Voltage (V)
VOUT1 = VOUT2 = 90V, 56LEDs,
ILED1 = ILED2 = 100mA, RRT = 180k
Ω
LED Current vs. Output Voltage
90
92
94
96
98
100
102
104
106
108
110
60
65
70
75
80
85
90
95
100
Output Voltage (V)
ILED1
ILED2
VIN = 120V, ILED1 = ILED2 = 100mA, RRT = 180k
Ω
LED Current vs. Input Voltage
90
92
94
96
98
100
102
104
106
108
110
110 120 130 140 150 160 170 180 190 200
Input Voltage (V)
ILED1
VOUT1 = VOUT2 = 90V, 56LEDs,
ILED1 = ILED2 = 100mA, RRT = 180k
Ω
ILED2
LED Current vs. Temperature
90
94
98
102
106
110
-50
-25
0
25
50
75
100
125
Temperature (°C)
ILED1
VIN = 120V, VOUT1 = VOUT2 = 90V, 56LEDs,
ILED1 = ILED2 = 100mA, RRT = 180k
Ω
ILED2
LED Current vs. PWM Duty Cycle
0
10
20
30
40
50
60
70
80
90
100
0
1020
3040
5060
7080
90 100
Duty Cycle (%)
ILED1
VIN = 120V, VOUT1 = VOUT2 = 90V, 56LEDs,
RRT = 180k
Ω, COUT = 0.22μF
ILED2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com