Electronic Components Datasheet Search
  English  ▼

X  

RT6010 Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT6010
Description  Dual Channel High Efficiency and High Accuracy Average Current Control LED Backlight Buck Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6010 Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT6010 Datasheet HTML 4Page - Richtek Technology Corporation RT6010 Datasheet HTML 5Page - Richtek Technology Corporation RT6010 Datasheet HTML 6Page - Richtek Technology Corporation RT6010 Datasheet HTML 7Page - Richtek Technology Corporation RT6010 Datasheet HTML 8Page - Richtek Technology Corporation RT6010 Datasheet HTML 9Page - Richtek Technology Corporation RT6010 Datasheet HTML 10Page - Richtek Technology Corporation RT6010 Datasheet HTML 11Page - Richtek Technology Corporation RT6010 Datasheet HTML 12Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
RT6010
8
DS6010-00 March 2012
www.richtek.com
©
Copyright 2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
PWM Dimming Response
Time (50
μs/Div)
ILED1
(100mA/Div)
PWM
(5V/Div)
ILED2
(100mA/Div)
COUT = 0.22
μF, ILED1 = ILED2 = 100mA
VIN = 120V, VOUT1 = 100V, 31LEDs
VOUT2 = 80V, 25LEDs, PWM = 300Hz
Time (1ms/Div)
Non-SPD Function
ILED1
(100mA/Div)
IIN
(100mA/Div)
VIN_AC
(500mV/Div)
ILED2
(100mA/Div)
PWM = 300Hz, PWM Duty = 30%
VIN = 120V, VOUT1 = VOUT2 = 90V, 56LEDs
SPD Function
Time (1ms/Div)
ILED1
(100mA/Div)
IIN
(100mA/Div)
VIN_AC
(500mV/Div)
ILED2
(100mA/Div)
PWM = 300Hz, PWM Duty = 30%
VIN = 120V, VOUT1 = VOUT2 = 90V, 56LEDs
PWM Dimming Response
Time (50
μs/Div)
VIN = 120V, VOUT1 = VOUT2 = 90V, 56LEDs,
PWM = 300Hz, COUT = 0.22
μF, ILED1 = ILED2 = 100mA
ILED1
(100mA/Div)
PWM
(5V/Div)
ILED2
(100mA/Div)
LED Current vs. PWM Duty Cycle
0
10
20
30
40
50
60
70
80
90
100
0
20406080
100
Duty Cycle (%)
ILED1
ILED2
VIN = 120V, VOUT1 = 100V
31LEDs, VOUT2 = 80V, 25LEDs
PWM = 300Hz, COUT = 0.22
μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com