Electronic Components Datasheet Search
  English  ▼

X  

RT6010 Datasheet(PDF) 12 Page - Richtek Technology Corporation

Part # RT6010
Description  Dual Channel High Efficiency and High Accuracy Average Current Control LED Backlight Buck Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6010 Datasheet(HTML) 12 Page - Richtek Technology Corporation

Back Button RT6010 Datasheet HTML 5Page - Richtek Technology Corporation RT6010 Datasheet HTML 6Page - Richtek Technology Corporation RT6010 Datasheet HTML 7Page - Richtek Technology Corporation RT6010 Datasheet HTML 8Page - Richtek Technology Corporation RT6010 Datasheet HTML 9Page - Richtek Technology Corporation RT6010 Datasheet HTML 10Page - Richtek Technology Corporation RT6010 Datasheet HTML 11Page - Richtek Technology Corporation RT6010 Datasheet HTML 12Page - Richtek Technology Corporation RT6010 Datasheet HTML 13Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
RT6010
12
DS6010-00 March 2012
www.richtek.com
©
Copyright 2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Layout Considerations
PCB layout plays an important role for the RT6010. Careful
layout can decrease switching noise for stable operation
and improve performance. For best performance of the
RT6010, the following layout guidelines should be strictly
followed.
Current sense feedback resistors, D_OSC capacitor,
F_DELAY capacitor, RT resistor and capacitors for VIN
and VCC should be placed as close to the controller as
possible.
Keep the power loops as short as possible to prevent
voltage spikes caused by current transition from one
device to another at high speed as a result of parasitic
components on the circuit board. Therefore, all current
switching loops should be kept as short as possible
with wide traces to minimize the parasitic components.
Minimize the trace length between the MOSFET and
the controller. Since the drivers are integrated in the
controller, the driving path should be short and wide to
reduce the parasitic inductance and resistance.
The CS1 and CS2 current sense feedback trace should
be kept away from the switching node. Keep the
feedback trace close to the CS1 and CS2 pins. Allow
large area for VIN inductor trace, FET trace, RCS1 and
RCS2 trace, and GND pad.
Figure 8. Derating Curve of Maximum Power Dissipation
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
0
255075
100
125
Ambient Temperature (°C)
Four-Layer PCB
Figure 9. PCB Layout Guide
VSS
PWM_OUT
EN
RT_OUT
CS2
GATE2
GATE1
VCC
DIM/PWM_IN
RT
D_OSC
F_DELAY
FAULT
NC
CS1
DPS
6
7
8
4
5
2
3
16
13
15
14
12
9
11
10
VCC
GND
+
GND
GND
L2
RCS2
Q1
COUT2
VIN
COUT1
L1
RCS1
Q2
CIN
GND
Current sense feedback resistors, D_OSC
capacitor, F_DELAY capacitor, RT resistor
and capacitors for VIN and VCC should be
placed as close to the controller as possible.
Place the power components
as close to the IC as possible.
The current sense node
must be near the CS pin.
The GND traces should be wide and short.
The maximum power dissipation depends on the operating
ambient temperature for fixed TJ(MAX) and thermal
resistance,
θJA. The derating curve in Figure 8 allows the
designer to see the effect of rising ambient temperature
on the maximum power dissipation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com