Electronic Components Datasheet Search
  English  ▼

X  

RT6010 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT6010
Description  Dual Channel High Efficiency and High Accuracy Average Current Control LED Backlight Buck Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6010 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT6010 Datasheet HTML 1Page - Richtek Technology Corporation RT6010 Datasheet HTML 2Page - Richtek Technology Corporation RT6010 Datasheet HTML 3Page - Richtek Technology Corporation RT6010 Datasheet HTML 4Page - Richtek Technology Corporation RT6010 Datasheet HTML 5Page - Richtek Technology Corporation RT6010 Datasheet HTML 6Page - Richtek Technology Corporation RT6010 Datasheet HTML 7Page - Richtek Technology Corporation RT6010 Datasheet HTML 8Page - Richtek Technology Corporation RT6010 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
RT6010
®
DS6010-00 March 2012
www.richtek.com
1
Copyright 2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
©
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Dual Channel High Efficiency and High Accuracy Average
Current Control LED Backlight Buck Controller
General Description
The RT6010 is a dual channel high accuracy average current
control LED backlight buck controller for 2 LED strings w/
o LED binning. Dual MOSFET drivers are specifically
designed to drive two power N-MOSFETs in an
asynchronous buck converter topology. The controller
provides variable LED current control by adjusting the CS
resistor value for digital and linear dimming. The controller
operates with T1/T2Average Current Control (T2C) topology
to provide high accuracy
±3%. The controller also provides
high efficiency (higher than 95%) under proper setting
without LED binning. The controller provides VIN from 8V
to 450V. It is preferred to operate the controller under a
current ripple of < 30% average current and about 85%
duty to optimize the performance.
The RT6010 can be easily connected in series by master/
slave synchronization for multiple channel, even for more
than 6-CH. The controller provides SPD (Smart Phase Shift
Dimming) that is easily implemented to synchronize master
and slave ICs. The controller provides both analog and
PWM dimming.
The RT6010 automatically detects LED bar open, LED
bar short to VIN, and LED bar short to GND to prevent
VOUT from over/under voltage damages. The controller
also outputs fault signal with programmable delay to
previous power stage, such as ACDC controller.
Features
Fast Average Current Control T
2C (T1/T2 Average
Current Control)
Dual MOSFET Drives for Asynchronous Buck
Topology
Provide High Efficiency > 95% and High Accuracy
±±±±±3% Channel to Channel Variation
Provide LED w/o Binning
Programmable PWM Constant Off Time
Support both PWM and Analog Dimming
PWM Dimming Duty Down to 1%
OVP for Bar Short with VIN
UVP for Bar Open/Short to GND with
programmable Fault Delay
Support SPD (Smart Phase Shift Dimming) for
Multiple Channel Dimming Solution
VIN POR Detection with EN Pin to Prevent
Malfunction
SOP-16 Package
RoHS Compliant and Halogen Free
Applications
LCD TV, MNT Display Backlight
DC/DC or ACDC LEDDriver Application
General Purpose Constant Current Source
LED Signage and Display
Architectural and Decorative LED Lighting
LED Street Lighting
Pin Configurations
(TOP VIEW)
SOP-16
VSS
PWM_OUT
EN
RT_OUT
CS2
GATE2
GATE1
VCC
DIM/PWM_IN
RT
D_OSC
F_DELAY
FAULT
NC
CS1
DPS
6
7
8
4
5
2
3
16
13
15
14
12
9
11
10
Package Type
S :SOP-16
RT6010
Lead Plating System
G : Green (Halogen Free and Pb Free)


Similar Part No. - RT6010

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
RT600 NXP-RT600 Datasheet
6Mb / 165P
Dual-core microcontroller with 32-bit Cortex짰-M33 and Xtensa HiFi4 Audio DSP CPUs
Rev. 1.9-30 December 2021
RT600 NXP-RT600 Datasheet
6Mb / 167P
Dual-core microcontroller with 32-bit Cortex짰-M33 and Xtensa HiFi4 Audio DSP CPUs; Up to 4.5 MB SRAM; FlexSPI with cache and dynamic decryption; High-speed USB device/host Phy; 12-bit 1 Msamples/s ADC; Analog Comparator; Audio
Rev. 2.0-1 April 2022
RT600 NXP-RT600 Datasheet
5Mb / 171P
Dual-core microcontroller with 32-bit Cortex®-M33 and Xtensa HiFi4 Audio DSP CPUs; Up to 4.5 MB SRAM; FlexSPI with cache and dynamic decryption; High-speed USB device/host
Rev. 2.1 - 7 July 2023
RT600 NXP-RT600 Datasheet
5Mb / 171P
Dual-core microcontroller with 32-bit Cortex®-M33 and Xtensa HiFi4 Audio DSP CPUs; Up to 4.5 MB SRAM; FlexSPI with cache and dynamic decryption; High-speed USB device/host Phy; 12-bit 1 Msamples/s ADC; Analog Comparator; Audio
Rev. 2.2 - 25 January 2024
RT600 NXP-RT600 Datasheet
5Mb / 171P
Dual-core microcontroller with 32-bit Cortex®-M33 and Xtensa HiFi4 Audio DSP CPUs; Up to 4.5 MB SRAM; FlexSPI with cache and dynamic decryption; High-speed USB device/host Phy; 12-bit 1 Msamples/s ADC
Rev. 2.3 - 16 May 2024
More results

Similar Description - RT6010

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3075 NSC-LM3075 Datasheet
857Kb / 18P
High Efficiency, Synchronous Current Mode Buck Controller
logo
Diodes Incorporated
ZXLD1370 DIODES-ZXLD1370 Datasheet
856Kb / 33P
60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER CONTROLLER
DS32165 Rev. 2 - 2
ZXLD1370 DIODES-ZXLD1370_11 Datasheet
731Kb / 35P
60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER CONTROLLER
Rev 3
ZXLD1371 DIODES-ZXLD1371 Datasheet
1Mb / 42P
60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER-CONTROLLER
FEBRUARY 2012
logo
MagnaChip Semiconductor...
MAP3511 MGCHIP-MAP3511 Datasheet
1Mb / 14P
Average Current Control Buck Controller for LED Backlight
MAP3512 MGCHIP-MAP3512 Datasheet
1Mb / 15P
2-CH Average Current Control Buck Controller for LED Backlight
MAP3612 MGCHIP-MAP3612 Datasheet
1Mb / 14P
2-CH Average Current Control Buck Controller for LED Backlight
MAP3613 MGCHIP-MAP3613 Datasheet
1Mb / 16P
3-CH Average Current Control Buck Controller for LED Backlight
logo
Kinetic Technologies.
KTD3133 KINETIC-KTD3133 Datasheet
1,019Kb / 24P
High Efficiency 2-Channel LED Backlight Driver
October 2018 - Revision 04b
KTD3136 KINETIC-KTD3136 Datasheet
1Mb / 24P
High Efficiency 3-Channel LED Backlight Driver
April 2019 - Revision 04a
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com