Electronic Components Datasheet Search
  English  ▼

X  

4157440000 Datasheet(PDF) 18 Page - Weidmuller

Part # 4157440000
Description  Component Carriers and Housings
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

4157440000 Datasheet(HTML) 18 Page - Weidmuller

Back Button 4157440000 Datasheet HTML 12Page - Weidmuller 4157440000 Datasheet HTML 13Page - Weidmuller 4157440000 Datasheet HTML 14Page - Weidmuller 4157440000 Datasheet HTML 15Page - Weidmuller 4157440000 Datasheet HTML 16Page - Weidmuller 4157440000 Datasheet HTML 17Page - Weidmuller 4157440000 Datasheet HTML 18Page - Weidmuller 4157440000 Datasheet HTML 19Page - Weidmuller 4157440000 Datasheet HTML 20Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
309
Housings
Socket blocks BLZ 5.08 / BLZF 5.08
Materials data
Insulating material
Colour
Temperature range
Flammability class
Contact base material
Contact surface
Characteristic system values
Pitch
Clearance
Creepage distance
Connection technology
Length of soldering pin
Mounting hole
Insulating stripping length
Terminal screw
Isolations resistance
Trough resistance
Connectable wires
Terminal range
“e” solid H05(07)V-U
“f” flexible H05(07)V-K
“f” with ferrules
according to DIN 46228/1
with plastic collar
according to DIN 46228/4
AWG wire
Plug gauge acc. to EN 60947-1/10.91
Size
Rated data according to VDE
Rated cross-section
Rated current
Current capacity
Test voltage
Nominal torque
Rated data according to
Rated cross-section
Rated current (Tu=20°C)
Rated voltage
Rated impulse voltage
Pollution severity
Rated data according to UL
AWG wire
Rated current
Rated voltage, industriell
Operation tool
Screwdriver type SD/SDI 5
Approvals
BLZ 5.08/SL 5.08
PBT
orange
-20.. +100 °C
UL 94 (VO)
CuSn
tin plated
5.08 mm
≥ 2.5 mm
≥ 4.0 mm
Screw/solder connection
3.2/4.5 mm
ø 1.3 + 0.1 mm
7 mm
M 2.5
≥ 10 MΩ
≤ 5 mΩ
0.08...2.5 mm2
0.5...2.5 mm2
0.5...2.5 mm2
0.5...2.5 mm2
0.5...1.5 mm2
28...14
A3
2.5mm2
12A1)
see derating curves2)
2.0 kV~
0.5 Nm
Rated data according to UL
22...12
10 A
300 V~
List on request
BLZF 5.08
PBT
orange
-20.. +100 °C
UL 94 (VO)
CuSn
tin plated
5.08 mm
≥ 3 mm
≥ 4.0 mm
Tension clamp connection
7 mm
≥ 105 MΩ
≤ 5 mΩ
1.5 mm2
0.13...1.5 mm2
0.13...2.5 mm2
0.05...2.5 mm2
1.5 mm2
26...14
VDE 0110 2.79
2.5mm2
12A1)
see derating curves2)
2.0 kV~
VDE 0110 1.89
1.5mm2
12A3)
250 V
4 kV
3
26...14
10 A
300 V~
Applied for
1) Rated cross-section and max. number of poles established from derating curve at 20 °C ambient tempera-
ture
2) Further derating curves on demand
Ambient temperature (°C)
Ambient temperature (°C)
Ambient temperature (°C)
Ambient temperature (°C)
Ambient temperature (°C)
Ambient temperature (°C)
Derating curve
Derating curve
Derating curve
Pin header with BLZ(F) / H07V-K1 5 / 3 POE
Pin header with BLZ(F) / H05V-K0 75 / 3 POE
Pin header with BLZ(F) / H07V-K1 5 / 3 POE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com