Electronic Components Datasheet Search
  English  ▼

X  

4157440000 Datasheet(PDF) 15 Page - Weidmuller

Part # 4157440000
Description  Component Carriers and Housings
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

4157440000 Datasheet(HTML) 15 Page - Weidmuller

Back Button 4157440000 Datasheet HTML 11Page - Weidmuller 4157440000 Datasheet HTML 12Page - Weidmuller 4157440000 Datasheet HTML 13Page - Weidmuller 4157440000 Datasheet HTML 14Page - Weidmuller 4157440000 Datasheet HTML 15Page - Weidmuller 4157440000 Datasheet HTML 16Page - Weidmuller 4157440000 Datasheet HTML 17Page - Weidmuller 4157440000 Datasheet HTML 18Page - Weidmuller 4157440000 Datasheet HTML 19Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
306
Housings
Housings
EG…/EG-U/LPU
Dimensions
Connection data
Accessories
EG 1 - Fig. I
EG 2 - Fig. II
Dimensions
Terminal width (+fitting tolerance 0.2 mm)
Insulating stripping length
Connection data
Screw connection, solid
Screw connection, stranded
Connection cross-section
Accessories
Mounting rail (2 m lenghts)
Y
W
U
End bracket
for TS 32
for TS 35
Cross connection wire: 80 mm long, 50-pole/1 mm2
Marking material*
Dimensions
Terminal width (+fitting tolerance 0.2 mm)
Insulating stripping length
Connection data
Screw connection, solid
Screw connection, stranded
Tab connection (DIN 46247)
Connection cross-section
Accessories
Mounting rail (2 m lenghts)
Y
W
U
End bracket
for TS 32
for TS 35
Cross connection wire: 80 mm long, 50-pole/1 mm2
Marking material*
* see sectional catalogue 7
18 mm
12 mm
0.5…6 mm2
0.5…4 mm2
AWG 20…12
Type
Cat. No.
TS 32
0122800000
TS 35 x 7.5
0383400000
TS 35 x 15
0498000000
EKW 2
0199360000
EW 35
0383560000
QD 50/grey
0238700000
dekafix 5
EG 2 – Fig. III
18 mm
2x 0.8 x 2.8 mm or 1x 0.8 x 6.3 mm
Type
Cat. No.
TS 32
0122800000
TS 35 x 7.5
0383400000
TS 35 x 15
0498000000
EKW 2
0199360000
EW 35
0383560000
QD 50/grey
0238700000
dekafix 5
20 mm
12 mm
0.5…6 mm2
0.5…4 mm2
AWG 20…12
Type
Cat. No.
TS 32
0122800000
TS 35 x 7.5
0383400000
TS 35 x 15
0498000000
EKW 2
0199360000
EW 35
0383560000
QD 50/grey
0238700000
dekafix 5
EG 2 – Fig. IV
18 mm
2x 0.8 x 2.8 mm
Type
Cat. No.
TS 32
0122800000
TS 35 x 7.5
0383400000
TS 35 x 15
0498000000
EKW 2
0199360000
EW 35
0383560000
QD 50/grey
0238700000
dekafix 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com