Electronic Components Datasheet Search
  English  ▼

X  

4157440000 Datasheet(PDF) 20 Page - Weidmuller

Part # 4157440000
Description  Component Carriers and Housings
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

4157440000 Datasheet(HTML) 20 Page - Weidmuller

Back Button 4157440000 Datasheet HTML 12Page - Weidmuller 4157440000 Datasheet HTML 13Page - Weidmuller 4157440000 Datasheet HTML 14Page - Weidmuller 4157440000 Datasheet HTML 15Page - Weidmuller 4157440000 Datasheet HTML 16Page - Weidmuller 4157440000 Datasheet HTML 17Page - Weidmuller 4157440000 Datasheet HTML 18Page - Weidmuller 4157440000 Datasheet HTML 19Page - Weidmuller 4157440000 Datasheet HTML 20Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
311
Housings
Ordering data
Technical data
Input voltage
Output voltage
Rated current
Flammability class acc. to UL 94
Insulation coordination acc. to EN 50178
Rated voltage
Rated impulse voltage
Input circuit
Output circuit
Input < output
Overvoltage category
Pollution severity
Ambient conditions
Ambient temperature
Storage temperature
Dimensions
Length / width / height
Soldering pin
1) equipped with with contact sockets B, C, F, H
2) equipped with with contact sockets A, B, C, F, H
Type
Cat. No.
OS2
94552100001)
OS2/5
94576400002)
250 V
250 V
5 A
V-2
250 V
4 kV (1.2/50 µs)
4 kV (1.2/50 µs)
< 8 kV (1.2/50 µs)
III
2
- 25°C … + 50°C
- 40°C … + 85°C
49,78 / 12.5 /13.2 mm
3.2 mm
* Soldering process ventilation not dimensioned in detail
Pluggable relay socket RSS 5MM
Suitable for PCB mounting
For miniature all-or-nothing relays type Tyco SNR,
NAIS APE …
Mechanical interlock with eject lever
Ordering data
Technical data
Input voltage
Output voltage
Max. switching current
Rated current
Flammability class acc. to UL 94
Insulation coordination acc. to EN 50178
Rated voltage
Rated impulse voltage
Input circuit
Output circuit
Input < output
Overvoltage category
Pollution severity
Ambient conditions
Ambient temperature
Storage temperature
Dimensions
Length / width / height
Soldering pin
Type
Cat. No.
RSS 5 MM
4056360000
250 V
250 V
6 A
5 A
V-2
250 V
4 kV (1.2/50 µs)
4 kV (1.2/50 µs)
< 8 kV (1.2/50 µs)
III
2
- 25°C … + 50°C
- 40°C … + 85°C
30.2 / 5 / 30 mm
3.5 mm
*
Semi-wire relay socket OS 2 and OS
2/5
Suitable for PCB mounting
For solid state relais Type Opto 22, Crouzet …
Secured in socket by fixing screws
integrated in the module
lock srew



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com