Electronic Components Datasheet Search
  English  ▼

X  

4157440000 Datasheet(PDF) 12 Page - Weidmuller

Part # 4157440000
Description  Component Carriers and Housings
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

4157440000 Datasheet(HTML) 12 Page - Weidmuller

Back Button 4157440000 Datasheet HTML 8Page - Weidmuller 4157440000 Datasheet HTML 9Page - Weidmuller 4157440000 Datasheet HTML 10Page - Weidmuller 4157440000 Datasheet HTML 11Page - Weidmuller 4157440000 Datasheet HTML 12Page - Weidmuller 4157440000 Datasheet HTML 13Page - Weidmuller 4157440000 Datasheet HTML 14Page - Weidmuller 4157440000 Datasheet HTML 15Page - Weidmuller 4157440000 Datasheet HTML 16Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
303
RS 80
Strip profile
RS 100
Strip profile for Euro-cards
Total width:
84 mm
Length:
2000 mm
For horizontal insertion of a printed circuit board
Width:
67.8 (+0.2) mm
Thickness:
1.8 (+0.15) mm (DIN 40802 T. 2)
Dim. RS section printed circuit board length –4.5 mm
Dim. ADP section printed circuit board length –2 mm
Example:
circuit board length 160 mm, RS = 155.5 mm,
ADP = 158 mm
V-0 / V-2 strip profile / accessories
70 °C
Type
orange (RAL 2000)
grey (RAL 7032)
Qty.
RS 80 (2000 mm) grey
4183130000
1
RS 80 (2000 mm) orange
4157440000
1
RF 180
1324460000
1773400000
20
AP 80
1324260000
8320300000
20
AP 80 D
1324360000
20
AP RF 80 RE
8156200000
-
AP RF 80 LT
8156210000
-
AP 85
1410860000
20
AP 85 D
1411060000
20
AP 86
1410960000
20
AP 86 D
1411160000
20
ADP 5 (1000 mm)
4167150000
–
ADP 6 (1000 mm)
4167160000
–
30 x 14
4011200000
–
Total width:
104 mm
Length:
2000 mm/160 mm
For horizontal insertion of a printed circuit board
Width:
100 (+0.5) mm
Thickness:
1.8 (+0.5) mm (DIN 40802 Part 2)
Dim. RS section printed circuit board length –4.5 mm
Dim. ADP section printed circuit board length –1 mm
Example:
circuit board length 160 mm, RS = 155.5 mm,
ADP = 159 mm
V-0 / V-2 strip profile / accessories
70 °C
Type
orange (RAL 2000)
grey (RAL 7032)
Qty.
RS 100 (2000 mm) grey
4010870000
1
RS 100 (2000 mm) orange
4144870000
1
RS 100 (155 mm)
4148400000
1
RF 180
1324460000
1773400000
20
AP 100
1185060000
1773410000
20
AP 100 D
1185160000
20
AP 110
1185260000
20
AP 110 D
1185360000
20
AP 111
1185460000
20
AP 111 D
1185560000
20
ADP 10 (2000 mm)
4169320000
(2 m)
ADP 11 (2000 mm)
4169330000
(2 m)
40 x 14
4019420000
–
RS 80
Screws
Screws
RF 180
AP 80
AP 85
AP 86
ADP 5
ADP 6
AP 80 D
AP 85 D
AP 86 D
AP 110
AP 111
RS 100
ADP 10
ADP 11
AP 100 D
AP 110 D
AP 111 D
AP 100
RF 180
AP RF80 RE/LT
Housings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com