Electronic Components Datasheet Search
  English  ▼

X  

4157440000 Datasheet(PDF) 14 Page - Weidmuller

Part # 4157440000
Description  Component Carriers and Housings
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

4157440000 Datasheet(HTML) 14 Page - Weidmuller

Back Button 4157440000 Datasheet HTML 10Page - Weidmuller 4157440000 Datasheet HTML 11Page - Weidmuller 4157440000 Datasheet HTML 12Page - Weidmuller 4157440000 Datasheet HTML 13Page - Weidmuller 4157440000 Datasheet HTML 14Page - Weidmuller 4157440000 Datasheet HTML 15Page - Weidmuller 4157440000 Datasheet HTML 16Page - Weidmuller 4157440000 Datasheet HTML 17Page - Weidmuller 4157440000 Datasheet HTML 18Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
305
Housings
Housings miniconditioner MCZ
Dimensions
Connection data
Accessories
Dimensions
Width (mm) + fitting tolerance 0.2
Insulating stripping length (mm)
Connection data
Z-spring connection, solid
Z-spring connections, stranded
Connection cross-section
Accessories
Mounting rail (2 m lenghts)
W
Mounting rail (2 m lenghts)
U
End plate
End bracket for TS 35
Cross-connection (pluggable)
6
6
0.5…1.5 mm2
0.5…1.5 mm2
AWG 26…16
Type
Cat. No.
TS 35 x 7.5
0383400000
TS 35 x 15
0498000000
APMCZ 1.5
8389030000
EW 35
0383560000
EW 35
0383560000
ZQV 4 2-pole
1608950000
ZQV 4 3-pole
1608960000
ZQV 4 4-pole
1608970000
ZQV 4 5-pole
1608980000
ZQV 4 6-pole
1608990000
ZQV 4 7-pole
1609000000
ZQV 4 8-pole
1609010000
ZQV 4 9-pole
1609020000
ZQV 4 10-pole
1609030000
91
additional
labelling
transparent head-plate
TS-Kontakt
cross-connection
88,4
77
Housings
Dimensions
Connection data
Accessories
DK 5
6 mm
9 mm
0.5...4 mm2
0.5...4 mm2
AWG 20...12
Type
Cat. No.
TS 32
0122800000
TS 35 x 7.5
0383400000
TS 35x15
0498000000
EWK 2
0199360000
EW 35
0383560000
AP
8268870000
dekafix 5
DK 6
8 mm
9 mm
0.5...4 mm2
0.5...4 mm2
AWG 20...12
Type
Cat. No.
TS 32
TS 35 x 7.5
0383400000
TS 35x15
0498000000
EWK 2
0199360000
EW 35
0383560000
AP
8324560000
dekafix 5
Dimensions
Terminal width (+ fitting tolerance 0.2 mm)
Insulating stripping length
Connection data
Screw connection, solid
Screw connection, stranded
Connection cross-section
Accessories
Mounting rail (2 m lenghts)
Y
W
V
End bracket
for TS 32
for TS 35
End plate
Marking material*
*For more inormation see sectional catalogue 5/installation
products
DK 6
DK 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com