Electronic Components Datasheet Search
  English  ▼

X  

4157440000 Datasheet(PDF) 13 Page - Weidmuller

Part # 4157440000
Description  Component Carriers and Housings
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

4157440000 Datasheet(HTML) 13 Page - Weidmuller

Back Button 4157440000 Datasheet HTML 9Page - Weidmuller 4157440000 Datasheet HTML 10Page - Weidmuller 4157440000 Datasheet HTML 11Page - Weidmuller 4157440000 Datasheet HTML 12Page - Weidmuller 4157440000 Datasheet HTML 13Page - Weidmuller 4157440000 Datasheet HTML 14Page - Weidmuller 4157440000 Datasheet HTML 15Page - Weidmuller 4157440000 Datasheet HTML 16Page - Weidmuller 4157440000 Datasheet HTML 17Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
304
Housings
Housings EG…/RST OST
Dimensions
Connection data
Accessories
EGR / EG 7
EGR / EGO
EG 7/35 for TS 35
EG 7/combi foot
Width (mm)
10
10
Height (mm)
with TS 35 x 7.5
92
96
with TS 35 x 15
100
103
with TS 32
100
RST/OST EG 7
Width (mm)
10
Height assembled (mm)
823472 for TS 32
with TS 35 x 7.5
91
with TS 35 x 15
99
819383 with combi foot
with TS 35 x 7.5
93
with TS 35 x 15
101
with TS 32
97
Dimensions
EG 8
Width (mm)
12.5
Height (mm) 104.9
EG 12
Width (mm)
18
Height (mm) 104.9
EG 8
EG 12
RST / EG 7
EG 8 / EG 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com