Electronic Components Datasheet Search
  English  ▼

X  

AD1859 Datasheet(PDF) 7 Page - Analog Devices

Part # AD1859
Description  Stereo, Single-Supply 18-Bit Integrated DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1859 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD1859 Datasheet HTML 3Page - Analog Devices AD1859 Datasheet HTML 4Page - Analog Devices AD1859 Datasheet HTML 5Page - Analog Devices AD1859 Datasheet HTML 6Page - Analog Devices AD1859 Datasheet HTML 7Page - Analog Devices AD1859 Datasheet HTML 8Page - Analog Devices AD1859 Datasheet HTML 9Page - Analog Devices AD1859 Datasheet HTML 10Page - Analog Devices AD1859 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AD1859
REV. A
–7–
(continued from page 1)
The AD1859 has a simple but very flexible serial data input port
that allows for glueless interconnection to a variety of ADCs,
DSP chips, AES/EBU receivers and sample rate converters.
The serial data input port can be configured in left-justified,
I
2S-justified, right-justified and DSP serial port compatible
modes. The AD1859 accepts 16- or 18-bit serial audio data in
MSB-first, twos-complement format. A power-down mode is
offered to minimize power consumption when the device is inac-
tive. The AD1859 operates from a single +5 V power supply. It
is fabricated on a single monolithic integrated circuit using a
0.6
µM CMOS double polysilicon, double metal process, and is
housed in 28-pin SOIC and SSOP packages for operation over
the temperature range –40
°C to +105°C.
THEORY OF OPERATION
The AD1859 offers the advantages of sigma-delta conversion
architectures (no component trims, low cost CMOS process
technology, superb low level linearity performance) with the
advantages of conventional multibit R-2R resistive ladder audio
DACs (no requirement for any high frequency synchronous master
clocks [e.g., 256 or 384
× F
S] continuously variable sample rate
support, jitter tolerance, low output noise, etc.).
The use of a multibit sigma-delta modulator means that the
AD1859 generates dramatically lower amounts of out-of-band
noise energy, which greatly reduces the requirement on post
DAC filtering. The required post-filtering is integrated on the
AD1859. The AD1859’s multibit sigma-delta modulator is also
highly immune to digital substrate noise.
The digital phase locked loop feature gives the AD1859 an un-
precedented jitter rejection feature. The bandwidth of the first
order loop filter is 15 Hz; jitter components on the input
left/right clock are attenuated by 6 dB per octave above and be-
low 15 Hz. Jitter on the crystal time base or MCLK input is re-
jected as well (by virtue of the on-chip switched capacitor filter),
but this clock should be low jitter because it is used by the DAC
to convert the audio from the discrete time (sampled) domain to
the continuous time (analog) domain. The AD1859 includes an
on-chip oscillator, so that the user need only provide an inexpen-
sive quartz crystal or ceramic resonator as an external time base.
Serial Audio Data Interface
The serial audio data interface uses the bit clock (BCLK) simply
to clock the data into the AD1859. The bit clock may, there-
fore, be asynchronous to the L/R clock. The left/right clock
(LRCLK) is both a framing signal, and the sample frequency input
to the digital phase locked loop. The left/right clock (LRCLK) is
the signal that the AD1859 actually uses to determine the input
sample rate, and it is the jitter on LRCLK that is rejected by the
digital phase locked loop. The SDATA input carries the serial
stereo digital audio in MSB first, twos-complement format.
Digital Interpolation Filter
The purpose of the interpolator is to “oversample” the input
data, i.e., to increase the sample rate so that the attenuation re-
quirements on the analog reconstruction filter are relaxed. The
AD1859 interpolator increases the input data sample rate by a
variable factor depending on the sample frequency of the incom-
ing digital audio. The interpolation is performed using a multi-
stage FIR digital filter structure. The first stage is a droop
equalizer; the second and third stages are half-band filters; and
the fourth stage is a second-order comb filter. The FIR filter
implementation is multiplier-free, i.e., the multiplies are per-
formed using shift-and-add operations.
Multibit Sigma-Delta Modulator
The AD1859 employs a four-bit sigma-delta modulator. Whereas a
traditional single bit sigma-delta modulator has two levels of quan-
tization, the AD1859’s has 17 levels of quantization. Traditional
single bit sigma-delta modulators sample the input signal at 64
times the input sample rate; the AD1859 samples the input sig-
nal at nominally 128 times the input sample rate. The addi-
tional quantization levels combined with the higher oversampling
ratio means that the AD1859 DAC output spectrum contains
dramatically lower levels of out-of-band noise energy, which is a
major stumbling block with more traditional single bit sigma-
delta architectures. This means that the post-DAC analog re-
construction filter has reduced transition band steepness and
attenuation requirements, which equates directly to lower phase
distortion. Since the analog filtering generally establishes the
noise and distortion characteristic of the DAC, the reduced
requirements translate into better audio performance.
Multibit sigma-delta modulators bring an additional benefit:
they are essentially free of stability (and therefore potential loop
oscillation) problems. They are able to use a wider range of the
voltage reference, which can increase the overall dynamic range
of the converter.
The conventional problem which limits the performance of
multibit sigma delta converters is the nonlinearity of the passive
circuit elements used to sum the quantization levels. Analog
Devices has developed (and been granted patents on) a revolu-
tionary architecture which overcomes the component linearity
problem that otherwise limits the performance of multibit sigma
delta audio converters. This new architecture provides the
AD1859 with the same excellent differential nonlinearity and
linearity drift (over temperature and time) specifications as
single bit sigma-delta DACs.
The AD1859’s multibit modulator has another important ad-
vantage; it has a high immunity to substrate digital noise. Sub-
strate noise can be a significant problem in mixed-signal
designs, where it can produce intermodulation products that
fold down into the audio band. The AD1859 is approximately
eight times less sensitive to digital substrate noise (voltage refer-
ence noise injection) than equivalent single bit sigma-delta
modulator based DACs.
Dither Generator
The AD1859 includes an on-chip dither generator, which is in-
tended to further reduce the quantization noise introduced by
the multibit DAC. The dither has a triangular Probability Dis-
tribution Function (PDF) characteristic, which is generally con-
sidered to create the most favorable noise shaping of the residual
quantization noise. The AD1859 is among the first low cost, IC
audio DACs to include dithering.
Analog Filtering
The AD1859 includes a second-order switched capacitor dis-
crete time low-pass filter followed by a first-order analog con-
tinuous time low-pass filter. These filters eliminate the need for
any additional off-chip external reconstruction filtering. This
on-chip switched capacitor analog filtering is essential to reduce
the deleterious effects of any remaining master clock jitter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com